Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F785
Description  20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F785 Datasheet HTML 45Page - Microchip Technology PIC16F785 Datasheet HTML 46Page - Microchip Technology PIC16F785 Datasheet HTML 47Page - Microchip Technology PIC16F785 Datasheet HTML 48Page - Microchip Technology PIC16F785 Datasheet HTML 49Page - Microchip Technology PIC16F785 Datasheet HTML 50Page - Microchip Technology PIC16F785 Datasheet HTML 51Page - Microchip Technology PIC16F785 Datasheet HTML 52Page - Microchip Technology PIC16F785 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 178 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41249A-page 47
PIC16F785
5.0
TIMER0 MODULE
The Timer0 module timer/counter has the following
features:
• 8-bit timer/counter
• Readable and writable
• 8-bit software programmable prescaler
• Internal or external clock select
• Interrupt on overflow from FFh to 00h
• Edge select for external clock
Figure 5-1 is a block diagram of the Timer0 module and
the prescaler shared with the WDT.
5.1
Timer0 Operation
Timer mode is selected by clearing the T0CS bit
(OPTION_REG<5>). In Timer mode, the Timer0
module will increment every instruction cycle (without
prescaler). If TMR0 is written, the increment is inhibited
for the following two instruction cycles. The user can
work around this by writing an adjusted value to the
TMR0 register.
Counter mode is selected by setting the T0CS bit
(OPTION_REG<5>). In this mode, the Timer0 module
will increment either on every rising or falling edge of
pin RA2/AN2/T0CKI/INT/C1OUT. The incrementing
edge is determined by the source edge (T0SE) control
bit (OPTION_REG<4>). Clearing the T0SE bit selects
the rising edge.
5.2
Timer0 Interrupt
A Timer0 interrupt is generated when the TMR0
register timer/counter overflows from FFh to 00h. This
overflow sets the T0IF bit (INTCON<2>). The interrupt
can be masked by clearing the T0IE bit (INTCON<5>).
The T0IF bit must be cleared in software by the Timer0
module Interrupt Service Routine before re-enabling
this interrupt. The Timer0 interrupt cannot wake the
processor from Sleep since the timer is shut-off during
Sleep.
FIGURE 5-1:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
Note:
Additional information on the Timer0
module is available in the
PICmicro®
Mid-Range
Reference
Manual,
(DS33023).
Note 1: Counter mode has specific external clock
requirements. Additional information on
these requirements is available in the
PICmicro®
Mid-Range
Reference
Manual, (DS33023).
2: The ANSEL0 (91h) register must be
initialized to configure an analog channel
as a digital input. Pins configured as
analog inputs will read ‘0’.
T0SE(1)
CLKOUT
TMR0
Watchdog
Timer
WDT
Time-out
PS<0:2>(1)
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS(1)
Note
1: T0SE, T0CS, PSA, PS<2:0> are bits in the OPTION_REG (see Register 2-2 on page 16).
2: WDTPS<3:0> are bits in the WDTCON register (see Register 15-2 on page 118).
0
1
0
1
0
1
SYNC 2
Cycles
8
8
8-bit
Prescaler
0
1
(= FOSC/4)
PSA(1)
PSA(1)
PSA(1)
16-bit
Prescaler
16
WDTPS<3:0>(2)
31 kHz
INTRC
SWDTEN
RA2/AN2/T0CKI/INT/C1OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com