Electronic Components Datasheet Search
  English  ▼

X  

PIC16F785 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F785
Description  20-Pin Flash-Based 8-Bit CMOS Microcontroller with Two-Phase Asychronous Feedback PWM, Dual High-Speed Comparators and Dual Operational Amplifiers
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F785 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F785 Datasheet HTML 87Page - Microchip Technology PIC16F785 Datasheet HTML 88Page - Microchip Technology PIC16F785 Datasheet HTML 89Page - Microchip Technology PIC16F785 Datasheet HTML 90Page - Microchip Technology PIC16F785 Datasheet HTML 91Page - Microchip Technology PIC16F785 Datasheet HTML 92Page - Microchip Technology PIC16F785 Datasheet HTML 93Page - Microchip Technology PIC16F785 Datasheet HTML 94Page - Microchip Technology PIC16F785 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 178 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41249A-page 89
PIC16F785
REGISTER 13-1:
PWM CONTROL REGISTER 0 (PWMCON0: 111h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PASEN
BLANK2
BLANK1
SYNC1
SYNC0
PH2EN
PH1EN
bit 7
bit 0
bit 7
PRSEN: PWM Restart Enable bit
1
=
Upon auto-shutdown, the PWMASE shutdown bit clears automatically once the shutdown
condition goes away. The PWM restarts automatically
0
=
Upon auto-shutdown, the PWMASE must be cleared in firmware to restart the PWM.
bit 6
PASEN: PWM Auto-Shutdown Enable bit
0
=
PWM Auto-Shutdown is disabled
1
=VIL on INT pin will cause Auto-Shutdown event
bit 5
BLANK2: PH2 Blanking bit
1
=
The PH2 pin is active for a minimum of 1/2 of an FOSC clock period after it is set
0
=
The PH2 pin is reset as soon as the comparator trigger is active
bit 4
BLANK1: PH1 Blanking bit
1
=
The PH1 pin is active for a minimum of 1/2 of an FOSC clock period after it is set
0
=
The PH1 pin is reset as soon as the comparator trigger is active
bit 3-2
SYNC<1:0>: SYNC Pin Function bits
0X
= SYNC pin not used for PWM. PWM acts as its own master. RB6/SYNC pin is available
for general purpose I/O.
10
= SYNC pin acts as system slave, receiving the PWM counter reset pulse
11
= SYNC pin acts as system master, driving the PWM counter reset pulse
bit 1
PH2EN: PH2 pin enabled
1
=
The PH2 pin is driven by the PWM signal
0
=
The PH2 pin is not used for PWM functions
bit 0
PH1EN: PH1 pin enabled
1
=
The PH1 pin is driven by the PWM signal
0
=
The PH1 pin is not used for PWM functions
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com