Electronic Components Datasheet Search
  English  ▼

X  

HC74Q Datasheet(PDF) 4 Page - Texas Instruments

Part # HC74Q
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC74Q Datasheet(HTML) 4 Page - Texas Instruments

  HC74Q Datasheet HTML 1Page - Texas Instruments HC74Q Datasheet HTML 2Page - Texas Instruments HC74Q Datasheet HTML 3Page - Texas Instruments HC74Q Datasheet HTML 4Page - Texas Instruments HC74Q Datasheet HTML 5Page - Texas Instruments HC74Q Datasheet HTML 6Page - Texas Instruments HC74Q Datasheet HTML 7Page - Texas Instruments HC74Q Datasheet HTML 8Page - Texas Instruments HC74Q Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN74HC74Q1
DUAL DTYPE POSITIVEEDGETRIGGERED FLIPFLOP
WITH CLEAR AND PRESET
SCLS577 − MARCH 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
6
10
4.2
fmax
4.5 V
31
50
21
MHz
fmax
6 V
36
60
25
MHz
2 V
70
230
345
PRE or CLR
Q or Q
4.5 V
20
46
69
tpd
PRE or CLR
Q or Q
6 V
15
39
59
ns
tpd
2 V
70
175
250
ns
CLK
Q or Q
4.5 V
20
35
50
CLK
Q or Q
6 V
15
30
42
2 V
28
75
110
tt
Q or Q
4.5 V
8
15
22
ns
tt
Q or Q
6 V
6
13
19
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
No load
35
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com