Electronic Components Datasheet Search
  English  ▼

X  

HC74Q Datasheet(PDF) 3 Page - Texas Instruments

Part # HC74Q
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC74Q Datasheet(HTML) 3 Page - Texas Instruments

  HC74Q Datasheet HTML 1Page - Texas Instruments HC74Q Datasheet HTML 2Page - Texas Instruments HC74Q Datasheet HTML 3Page - Texas Instruments HC74Q Datasheet HTML 4Page - Texas Instruments HC74Q Datasheet HTML 5Page - Texas Instruments HC74Q Datasheet HTML 6Page - Texas Instruments HC74Q Datasheet HTML 7Page - Texas Instruments HC74Q Datasheet HTML 8Page - Texas Instruments HC74Q Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN74HC74Q1
DUAL DTYPE POSITIVEEDGETRIGGERED FLIPFLOP
WITH CLEAR AND PRESET
SCLS577 − MARCH 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
2 V
0.002
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
II
VI = VCC or 0
6 V
±0.1
±100
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
4
80
µA
Ci
2 V to 6 V
3
10
10
pF
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
MIN
MAX
UNIT
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
fclock
Clock frequency
4.5 V
31
21
MHz
fclock
Clock frequency
6 V
0
36
0
25
MHz
2 V
100
150
PRE or CLR low
4.5 V
20
30
tw
Pulse duration
PRE or CLR low
6 V
17
25
ns
tw
Pulse duration
2 V
80
120
ns
CLK high or low
4.5 V
16
24
CLK high or low
6 V
14
20
2 V
100
150
Data
4.5 V
20
30
tsu
Setup time before CLK
↑
Data
6 V
17
25
ns
tsu
Setup time before CLK
↑
2 V
25
40
ns
PRE or CLR inactive
4.5 V
5
8
PRE or CLR inactive
6 V
4
7
2 V
0
0
th
Hold time, data after CLK
↑
4.5 V
0
0
ns
th
Hold time, data after CLK
6 V
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com