Electronic Components Datasheet Search
  English  ▼

X  

LAN8670 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN8670
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8670 Datasheet(HTML) 1 Page - Microchip Technology

  LAN8670 Datasheet HTML 1Page - Microchip Technology LAN8670 Datasheet HTML 2Page - Microchip Technology LAN8670 Datasheet HTML 3Page - Microchip Technology LAN8670 Datasheet HTML 4Page - Microchip Technology LAN8670 Datasheet HTML 5Page - Microchip Technology LAN8670 Datasheet HTML 6Page - Microchip Technology LAN8670 Datasheet HTML 7Page - Microchip Technology LAN8670 Datasheet HTML 8Page - Microchip Technology LAN8670 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LAN8670/1/2
10BASE-T1S Ethernet PHY Transceiver Product Brief
Description
The LAN8670/1/2 is a high-performance 10BASE-T1S
single-pair Ethernet PHY transceiver for 10 Mbit/s half-
duplex networking over a single pair of conductors.
Utilizing standard Ethernet technology in sensor/
actuator networks reduces application costs by
eliminating gateways necessary with legacy networking
technologies. The ability to connect multiple PHYs onto a
common mixing segment further saves implementation
costs by reducing cabling and switch ports. The
LAN8670/1/2 is designed for use in high-reliability cost
sensitive industrial, backplane, and building automation
sensor/actuator applications.
Highlights
• High-performance 10BASE-T1S Ethernet PHY
• Designed according to IEEE Std 802.3cg-2019
™
– 10 Mbit/s over single balanced pair
– Half-duplex point-to-point link segments up to
at least 15m
– Half-duplex multidrop mixing segments up to at
least 25m with up to at least 8 PHYs
• Media Independent Interface (MII) and Reduced
Media Independent Interface (RMII)
– 2.5 MHz MII clock mode
– 50 MHz RMII clock mode
– Serial Management Interface (SMI) for rapid
register access
– Comprehensive status interrupt support
• Carrier Sense Multiple Access / Collision Detection
(CSMA/CD) media access control
• Physical Layer Collision Avoidance (PLCA)
– Allows for high bandwidth utilization by
avoiding collisions on the physical layer
– Burst mode for transmission of multiple
packets for high packet rate latency-sensitive
applications
• Enhanced electromagnetic compatibility /
electromagnetic interference (EMC/EMI)
performance
– Low RF emissions
– Robust against injected currents and network
cable shorts to ground or battery
– Simple low cost analog front-end
• Single 3.3V supply with integrated 1.8V regulator
• Small footprint VQFN packaging with wettable
flanks
– LAN8670 32-pin (5 x 5 mm)
– LAN8671 24-pin (4 x 4 mm)
– LAN8672 36-pin (6 x 6 mm)
• -40°C to +125°C extended temperature range
• Microchip Functional Safety Ready
Target Applications
• Sensor/actuator networks operating at high
bandwidth
• Microphone networks delivering audio streams for
beamforming, hands-free microphones, etc.
• Backplane communication
• Industrial control cabinets and machine control
• Building automation
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 1


Similar Part No. - LAN8670

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187 SMSC-LAN8187 Datasheet
987Kb / 72P
짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN8187 SMSC-LAN8187 Datasheet
1Mb / 78P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187-JT SMSC-LAN8187-JT Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187-JT SMSC-LAN8187-JT Datasheet
987Kb / 72P
짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
More results

Similar Description - LAN8670

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
L80227 ETC1-L80227 Datasheet
689Kb / 140P
10BASE-T/ 100BASE-TX Ethernet PHY
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
PRODUCT BRIEF
logo
Analog Devices
ADIN1100 AD-ADIN1100 Datasheet
696Kb / 50P
Robust, Industrial, Low Power 10BASE-T1L Ethernet PHY
logo
ON Semiconductor
EVBUM2832 ONSEMI-EVBUM2832 Datasheet
848Kb / 7P
NCN26010XMNEVB 10BASE-T1S MACPHY Evaluation Board
May, 2022 - Rev. 1
EVBUM2833 ONSEMI-EVBUM2833 Datasheet
839Kb / 11P
NCN26010XMNEVK 10BASE-T1S SPE Evaluation Kit
May, 2022 - Rev. 1
logo
TEKTRONIX, INC.
10BASE-T1S TEKTRONIX-10BASE-T1S Datasheet
11Mb / 9P
10BASE-T1S Automotive Ethernet Compliance Test Solution
5 Nov 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com