Electronic Components Datasheet Search
  English  ▼

X  

LAN8670 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN8670
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8670 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN8670 Datasheet HTML 10Page - Microchip Technology LAN8670 Datasheet HTML 11Page - Microchip Technology LAN8670 Datasheet HTML 12Page - Microchip Technology LAN8670 Datasheet HTML 13Page - Microchip Technology LAN8670 Datasheet HTML 14Page - Microchip Technology LAN8670 Datasheet HTML 15Page - Microchip Technology LAN8670 Datasheet HTML 16Page - Microchip Technology LAN8670 Datasheet HTML 17Page - Microchip Technology LAN8670 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
...........continued
Name
Symbol
Buffer Type
Description
Bias Resistor
RBIAS
AIO
External bias resistor connection pin. This pin requires
connection of a 12.4 kΩ resistor to ground.
Note:  The resistor must be within ± 1% tolerance across the
entire expected operating temperature range.
Do Not Connect
DNC
-
Pin is internally connected. The pin must be left floating
externally.
No Connect
NC
-
Pin is not connected internally. The pin should be left floating
externally.
Table 3-8. Configuration Straps
Name
Symbol
Buffer Type
Description
Operating Mode Configuration
Straps 1-0
MODE[1:0]
VIS-VDDP
These configuration straps are used to select the device’s
default mode of operation. See Section 3.5, Configuration
Straps for additional information.
PHY Address Configuration
Straps 4-0
PHYAD[4:0]
VIS-VDDP
These configuration straps are used to select the device’s
default PHY SMI address. See Section 3.5, Configuration
Straps for additional information.
Table 3-9. Power Pins
Name
Symbol
Buffer Type
Description
+3.3V Switched I/O Power Supply
Input
VDDP
P
+3.3V switched I/O power supply input.
+3.3V Switched Analog Power
Supply Input
VDDA
P
+3.3V switched analog power supply input.
Ground
VSS
P
Common ground.
This exposed pad must be connected to the ground plane with
a via array.
3.5
Configuration Straps
Configuration straps allow various features of the device to be automatically configured to user defined values.
Configuration straps are identified by an underlined symbol name in the pin assignment lists and are latched on
Power-On Reset (POR) and pin reset (RESET_N). Configuration straps do not have internal resistors to prevent the
signal from floating when unconnected.
Important:  External pull-up or pull-down resistors must be sized appropriately (10 kΩ, typical) to ensure
that the configuration straps reach the required voltage level prior to latching at reset.
3.5.1
Device Mode (MODE[1:0])
The MODE[1:0] configuration straps control various device modes. When the RESET_N pin is negated, the
associated register bit values are loaded according to the MODE[1:0] configuration straps and the device is
configured. When a soft reset occurs via the Soft Reset bit of the Basic Control Register, the configuration of the
device is controlled by the register bit values and the MODE[1:0] configuration straps have no affect.
The device’s mode may be configured using the hardware configuration straps as summarized in Table 3-10 below.
Note:  As the LAN8672 only supports operation in MII mode, the MODE[1:0] configuration straps must be set to 01b.
LAN8670/1/2
Pin Description and Configuration
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com