Electronic Components Datasheet Search
  English  ▼

X  

MIC5021YN Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC5021YN
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021YN Datasheet(HTML) 2 Page - Microchip Technology

  MIC5021YN Datasheet HTML 1Page - Microchip Technology MIC5021YN Datasheet HTML 2Page - Microchip Technology MIC5021YN Datasheet HTML 3Page - Microchip Technology MIC5021YN Datasheet HTML 4Page - Microchip Technology MIC5021YN Datasheet HTML 5Page - Microchip Technology MIC5021YN Datasheet HTML 6Page - Microchip Technology MIC5021YN Datasheet HTML 7Page - Microchip Technology MIC5021YN Datasheet HTML 8Page - Microchip Technology MIC5021YN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC5021
DS20005677B-page 2
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
Package Types
Functional Block Diagram
MIC5021
SOIC
Top View
MIC5021
PDIP
Top View
1
2
3
4
8
7
6
5
V BOOST
GATE
SENSE-
SENSE+
VDD
INPUT
CT
GND
1
2
3
4
8
7
6
5
VDD
INPUT
CT
GND
V BOOST
GATE
SENSE-
SENSE+
SENSE-
SENSE+
6V INTERNAL REGULATOR
CINT
I1
2I1
50mV
INPUT
ONE-
SHOT
GATE
CT
6V
OFF
ON
FAULT
NORMAL
I2
10I2
15V
Q1
CHA RG E
PUMP
VDD
VBOOST
↓
↑
TRANSISTOR: 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com