Electronic Components Datasheet Search
  English  ▼

X  

MIC5021YN Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5021YN
Description  High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5021YN Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5021YN Datasheet HTML 4Page - Microchip Technology MIC5021YN Datasheet HTML 5Page - Microchip Technology MIC5021YN Datasheet HTML 6Page - Microchip Technology MIC5021YN Datasheet HTML 7Page - Microchip Technology MIC5021YN Datasheet HTML 8Page - Microchip Technology MIC5021YN Datasheet HTML 9Page - Microchip Technology MIC5021YN Datasheet HTML 10Page - Microchip Technology MIC5021YN Datasheet HTML 11Page - Microchip Technology MIC5021YN Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC5021
DS20005677B-page 8
2016 - 2021 Microchip Technology Inc. and its subsidiaries.
FIGURE 3-7:
Overcurrent Retry Duty
Cycle vs. Timing Capacitance.
FIGURE 3-8:
Input Current vs. Input
Voltage.
FIGURE 3-9:
Sense Threshold vs.
Temperature.
0
5
10
15
20
25
0.1
1
10
100 1000 10000
C
T (pF)
NOT E:
t
ON,tOFF TIME
INDEPENDENT
OF V
SUPPLY
t
ON =5μs
V
SUPPLY =12V
0
20
40
60
80
100
0
5
10
15
20
25
V
IN (V)
V
SUPPLY =12V
20
30
40
50
60
80
0
20406080 100 120
TEMPERATURE (°C)
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com