Electronic Components Datasheet Search
  English  ▼

X  

DEV-14055 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14055
Description  Teensy 3.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14055 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14055 Datasheet HTML 1Page - SparkFun Electronics DEV-14055 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Teensy 3.5
DEV-14055 ROHS
Description: The Teensy is a breadboard-friendly development board with loads of
features in a, well, teensy package. Each Teensy 3.5 comes pre-flashed with a
bootloader so you can program it using the on-board USB connection: no external
programmer needed! You can program for the Teensy in your favorite program editor
using C or you can install the Teensyduino add-on for the Arduino IDE and write Arduino
sketches for it!
The processor on the Teensy also has access to the USB and can emulate any kind of
USB device you need it to be, making it great for USB-MIDI and other HID projects. The
32-bit, 120MHz processor brings a few other features to the table as well, such as
multiple channels of Direct Memory Access, several high-resolution ADCs and even an
I2S digital audio interface! There are also four separate interval timers, plus a delay timer!
Oh yeah, and all digital pins have interrupt capability and are 5V tolerant.
All of this functionality is jammed into a 62.3mm x 18.0mm board with all headers on a 0.1" grid
so you can slap it on a breadboard and get to work! The Teensy 3.5 (as well as its sibling, the
Teensy 3.6) is larger, faster and capable of more projects, especially with its onboard micro SD
card port. An upgraded ARM Cortex MCU (120MHz from 72MHz), more memory (512K from
256K), as well as more RAM, EEPROM and accessible pins make up the key new features of this
“teensy” board. The Teensy 3.5 is slightly scaled down from the Teensy 3.6 but is offered at a
cheaper price point, comparatively.
Note: This does not come with a USB cable
Dimensions: 62.3mm x 18.0mm x 4.2mm (2.5in x 0.7in x 0.2in)


Similar Part No. - DEV-14055

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-14058 SPARKFUN-DEV-14058 Datasheet
95Kb / 2P
Teensy 3.6 (Headers)
More results

Similar Description - DEV-14055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRT-13925 ETC2-PRT-13925 Datasheet
97Kb / 1P
Teensy Header Kit
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-13996 SPARKFUN-DEV-13996 Datasheet
217Kb / 2P
Teensy Prop Shield LC
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-14056 SPARKFUN-DEV-14056 Datasheet
118Kb / 2P
Teensy 3.5 (Headers)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com