Electronic Components Datasheet Search
  English  ▼

X  

DEV-14055 Datasheet(PDF) 2 Page - SparkFun Electronics

Part # DEV-14055
Description  Teensy 3.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14055 Datasheet(HTML) 2 Page - SparkFun Electronics

  DEV-14055 Datasheet HTML 1Page - SparkFun Electronics DEV-14055 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
120MHz ARM Cortex-M4 with Floating Point Unit
512K Flash, 192K RAM, 4K EEPROM
Microcontroller Chip MK64FX512VMD12
1 CAN Bus Port
16 General Purpose DMA Channels
5V Tolerance on All Digital I/O Pins
62 I/O Pins (42 breadboard friendly)
25 Analog Inputs to 2 ADCs with 13-bit resolution
2 Analog Outputs (DACs) with 12-bit resolution
20 PWM Outputs (Teensy 3.6 has 22 PWM)
USB Full Speed (12Mbit/sec) Port
Ethernet mac, capable of full 100Mbit/sec speed
Native (4-bit SDIO) micro SD card port
I2S Audio Port, 4-Channel Digital Audio Input & Output
14 Hardware Timers
Cryptographic Acceleration Unit
Random Number Generator
CRC Computation Unit
6 Serial Ports (2 with FIFO and Fast Baud Rates)
3 SPI Ports (1 with FIFO)
3 I2C Ports
Real-Time Clock
SparkFun Electronics ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com