Electronic Components Datasheet Search
  English  ▼

X  

AOB403 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB403
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB403 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB403 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB403 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB403 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB403 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB403 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
10
12
45
55
RθJC
1.35
1.8
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
TA=70°C
1.45
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
A
TA=25°C
PDSM
2.2
A
Repetitive avalanche energy L=0.1mH
C
mJ
Power Dissipation
B
TC=25°C
PD
W
TC=100°C
Avalanche Current
C
Continuous Drain
Current
Maximum
Units
Parameter
TC=25°C
TC=100°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
Gate-Source Voltage
Drain-Source Voltage
-60
Pulsed Drain Current
C
-30
-20
-60
°C
V
V
±20
42
A
-26
134
83
AOB403
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -60V
ID = -30A (VGS=-10V)
RDS(ON) < 44mΩ (VGS = -10V ) @ 30A
RDS(ON) < 55mΩ (VGS = -4.5V ) @ 20A
General Description
The AOB403 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal resistance
of the D2-PAK package, this device is well suited for
high current load applications. Standard product
AOB403 is Pb-free (meets ROHS & Sony 259
specifications). AOB403L is a Green Product ordering
option. AOB403 and AOB403L are electrically
identical.
G
D
S
G
D
S
TO-263
D2-PAK
Top View
Drain Connected to
Tab
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOB403

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB403 ISC-AOB403 Datasheet
321Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - AOB403

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com