Electronic Components Datasheet Search
  English  ▼

X  

AOB418 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOB418
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB418 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOB418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AOB418
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
1
1.5
2
V
ID(ON)
85
A
4.9
6
TJ=125°C
8.4
10.5
5.9
7.2
m
Ω
gFS
103
S
VSD
0.73
1
V
IS
110
A
Ciss
2100
pF
Coss
536
pF
Crss
165
pF
Rg
0.95
Ω
Qg(4.5V)
19.6
nC
Qgs
3.6
nC
Qgd
8nC
tD(on)
5.9
ns
tr
15.9
ns
tD(off)
34
ns
tf
20
ns
trr
32.5
ns
Qrr
26
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge
IF=30A, dI/dt=100A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=30A
Reverse Transfer Capacitance
IF=30A, dI/dt=100A/µs
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=24V, VGS=0V
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
m
Ω
VGS=4.5V, ID=30A
IS=1A,VGS=0V
VDS=5V, ID=30A
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=0.5Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=4.5V, VDS=15V, ID=30A
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The Power
dissipation PDSM is based on steady-state RθJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB or heatsink allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
C: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA curve
provides a single pulse rating.
G. The maximum current rating is limited by the package current capability.
Rev3: August 2005
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com