Electronic Components Datasheet Search
  English  ▼

X  

AOB418 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOB418
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB418 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOB418 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB418 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AOB418
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
0
5
10
15
20
25
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Coss
Crss
0.1
1
10
100
1000
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
100
µs
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
VDS=15V
ID=30A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=40°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10
µs
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com