Electronic Components Datasheet Search
  English  ▼

X  

ISO6760L Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6760L
Description  ISO6760L Six-Channel Reinforced Digital Isolators with Integrated Interlock and Robust EMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6760L Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO6760L Datasheet HTML 9Page - Texas Instruments ISO6760L Datasheet HTML 10Page - Texas Instruments ISO6760L Datasheet HTML 11Page - Texas Instruments ISO6760L Datasheet HTML 12Page - Texas Instruments ISO6760L Datasheet HTML 13Page - Texas Instruments ISO6760L Datasheet HTML 14Page - Texas Instruments ISO6760L Datasheet HTML 15Page - Texas Instruments ISO6760L Datasheet HTML 16Page - Texas Instruments ISO6760L Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO6760L
tPLH, tPHL
Propagation delay time
One input in static state and other input
is toggled at 100kbps. See Switching
Characteristics Test Circuit and Voltage
Waveforms
13
20.5
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
1
7
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
6
ns
tsk(pp)
Part-to-part skew time(3)
6
ns
tr
Output signal rise time
See Switching Characteristics Test
Circuit and Voltage Waveforms
2.6
4.5
ns
tf
Output signal fall time
2.6
4.5
ns
tPU
Time from UVLO to valid output data
Time from UVLO to
valid output data
300
us
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.2V. See Default Output
Delay Time Test Circuit and Voltage
Waveforms
0.1
0.3
us
tie
Time interval error
216 – 1 PRBS data at 50 Mbps
1
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
www.ti.com
ISO6760L
SLLSFO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO6760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com