Electronic Components Datasheet Search
  English  ▼

X  

ISO6760L Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6760L
Description  ISO6760L Six-Channel Reinforced Digital Isolators with Integrated Interlock and Robust EMC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6760L Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO6760L Datasheet HTML 17Page - Texas Instruments ISO6760L Datasheet HTML 18Page - Texas Instruments ISO6760L Datasheet HTML 19Page - Texas Instruments ISO6760L Datasheet HTML 20Page - Texas Instruments ISO6760L Datasheet HTML 21Page - Texas Instruments ISO6760L Datasheet HTML 22Page - Texas Instruments ISO6760L Datasheet HTML 23Page - Texas Instruments ISO6760L Datasheet HTML 24Page - Texas Instruments ISO6760L Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8.3 Feature Description
Table 8-1 provides an overview of the device features.
Table 8-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
OUTPUT
PACKAGE
RATED ISOLATION(1)
ISO6760L
6 Forward,
3 Interlock Pairs
50 Mbps
Non-Inverted
DW-16
5000 VRMS / 7000 VPK
ISO6760LN
6 Forward,
3 Interlock Pairs
50 Mbps
Inverted
DW-16
5000 VRMS / 7000 VPK
(1)
See for detailed isolation ratings.
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 32. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO676x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
• Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.
8.3.2 Interlock Capability
The ISO6760L family incorporates a series of logic gates to protect adjacent channel pairings from both
registering high simultaneously. When paired with an IPM, this interlock circuitry provides protection proventing
shoot through current to both the high-side and low-side switch of the module. This design, shown in ISO6760L
Channel Pairing Block Diagram of Interlock, is used to make sure that when one of the channel pairings is logic
high, the other channel will output logic low. ISO6760L Device Truth Table provides the logic output state to the
corresponding input state for ISO6760L and ISO6760LN (Inverted) Device Truth Table provides the logic output
state to the corresponding input state for ISO6760LN (inverted output version).
INx_L
OUTx_L
INx_H
OUTx_H
I
N
T
E
R
L
O
C
K
Figure 8-3. ISO6760L Channel Pairing Block Diagram of Interlock
ISO6760L Device Truth Table
INx_H
INx_L
OUTx_H
OUTx_L
High
Low
High
Low
Low
High
Low
High
High
High
Low
Low
Low
Low
Low
Low
Floating
Floating
Low
Low
www.ti.com
ISO6760L
SLLSFO3 – DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO6760L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com