Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3882
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 4 Page - Analog Devices

  LTC3882 Datasheet HTML 1Page - Analog Devices LTC3882 Datasheet HTML 2Page - Analog Devices LTC3882 Datasheet HTML 3Page - Analog Devices LTC3882 Datasheet HTML 4Page - Analog Devices LTC3882 Datasheet HTML 5Page - Analog Devices LTC3882 Datasheet HTML 6Page - Analog Devices LTC3882 Datasheet HTML 7Page - Analog Devices LTC3882 Datasheet HTML 8Page - Analog Devices LTC3882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC7883
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). Specifications apply to both units with VCC = 5V,
VSNSP = 1.8V, VSNSM = IAVGND = GND = 0V, fSYNC = 500kHz (externally driven) unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Voltage Supervisor
VON_TOL
Input ON/OFF Threshold Error
15V ≤ VIN_ON ≤ 35V
l
–2
2
%
NVON
Input ON/OFF Threshold Resolution
143
mV
Output Voltage Supervisors
VUVOV_R0
Range 0 Maximum Threshold
Range 0 Error
Range 0 Threshold Resolution
Range 0 Threshold Hysteresis
2V ≤ VOUT ≤ 5V (Falling for UV and Rising for OV)
l
–1
5.5
11
50
1
V
%
mV
mV
VUVOV_R1
Range 1 Maximum Threshold
Range 1 Error
Range 1 Threshold Resolution
Range 1 Threshold Hysteresis
1V ≤ VOUT ≤ 2.5V (Falling for UV and Rising for OV)
l
–1
2.75
5.5
25
1
V
%
mV
mV
Output Current Supervisors
VILIM_TOL
Output Current Limit Tolerance
CSP – CSM
15mV < CSP – CSM ≤ 30mV
30mV < CSP – CSM ≤ 50mV
50mV < CSP – CSM ≤ 70mV
l
l
l
–1.7
–2.5
–5.2
1.7
2.5
5.2
mV
mV
mV
NlLIM
CSP – CSM Threshold Resolution
1LSB
0.4
mV
ADC Readback Telemetry (Note 8)
NVIN
VINS Readback Resolution
(Note 9)
10
Bits
VIN_TUE
VINS Total Unadjusted Readback Error 4.5V ≤ VINS ≤ 38V
l
0.5
2
%
%
NDC
PWM Duty Cycle Resolution
(Note 9)
10
Bits
DCTUE
PWM Duty Cycle Total Unadjusted
Readback Error
PWM Duty Cycle = 12.5%
–2
2
%
NVOUT
VOUT Readback Resolution
244
µV
VOUT_TUE
VOUT Total Unadjusted Readback Error 0.6V ≤ VOUT ≤ 5.5V, Constant Load
l
–0.5
±0.2
0.5
%
%
NISENSE
IOUT Readback Resolution
LSB Step Size (at ISENSE±)
(Note 9)
0mV ≤ |CSP – CSM| < 16mV
16mV ≤ |CSP – CSM| < 32mV
32mV ≤ |CSP – CSM| < 63.9mV
63.9mV ≤ |CSP – CSM| ≤ 70mV
10
15.625
31.25
62.5
125
Bits
µV
µV
µV
µV
ISENSE_TUE
IOUT Total Unadjusted Readback Error
|CSP – CSM| ≥ 6mV, 0V ≤ VOUT ≤ 5.5V
l
±1
%
ISENSE_OS
IOUT Zero-Code Offset Voltage
±32
µV
NTEMP
Temperature Resolution
0.25
°C
TEXT_TUE
External Temperature Total Unadjusted
Readback Error
TSNS ≤ 1.85V (Note 10)
MFR_PWM_MODE_LTC3882-1[6] = 0
MFR_PWM_MODE_LTC3882-1[6] = 1
l
l
–3
–7
3
7
°C
°C
TINT_TUE
Internal Temperature Total Unadjusted
Readback Error
Internal Diode (Note 10)
±1
°C
tCONVERT
Update Rate
(Note 11)
90
ms
Internal EEPROM (Notes 4, 6)
Endurance
Number of Write Operations
0°C ≤ TJ ≤ 85°C During All Write Operations
10,000
Cycles
Retention
Stored Data Retention
TJ ≤ 125°C
10
Years
Mass Write Time STORE_USER_ALL Execution Duration 0°C ≤ TJ ≤ 85°C During All Write Operations
0.2
2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com