Electronic Components Datasheet Search
  English  ▼

X  

LTC3882 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3882
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3882 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3882 Datasheet HTML 17Page - Analog Devices LTC3882 Datasheet HTML 18Page - Analog Devices LTC3882 Datasheet HTML 19Page - Analog Devices LTC3882 Datasheet HTML 20Page - Analog Devices LTC3882 Datasheet HTML 21Page - Analog Devices LTC3882 Datasheet HTML 22Page - Analog Devices LTC3882 Datasheet HTML 23Page - Analog Devices LTC3882 Datasheet HTML 24Page - Analog Devices LTC3882 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC7883
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 7. ASELn Resistor Programming
RTOP (kΩ) RBOT (kΩ)
ASEL1
ASEL0
LTC3882-1 DEVICE
ADDRESS BITS[6:4]
LTC3882-1 DEVICE
ADDRESS BITS[3:0]
BINARY
HEX
BINARY
HEX
0 or Open
Open
from EEPROM
from EEPROM
10
23.2
1111
F
10
15.8
1110
E
16.2
20.5
1101
D
16.2
17.4
1100
C
20
17.8
1011
B
20
15
1010
A
20
12.7
1001
9
20
11
1000
8
24.9
11.3
111
7
0111
7
24.9
9.09
110
6
0110
6
24.9
7.32
101
5
0101
5
24.9
5.76
100
4
0100
4
24.9
4.32
011
3
0011
3
30.1
3.57
010
2
0010
2
30.1
1.96
001
1
0001
1
Open
0
000
0
0000
0
Design Example
As a design example, consider a 180W 4-phase applica-
tion such as the one shown in Figure 1, where VIN = 12V,
VOUT = 1.5V, and IOUT = 120A. An auxiliary 7V source
supplies the LTC7883 VCC pins and the power stage FET
gate drive voltage with a 2.2µF ceramic bypass, in addi-
tion to a smaller 0.1µF ceramic placed near the LTC7883
filtering HF components. Bypassing is also provided for
each VDD33 (2.2µF) and VDD25 (1µF) LDO output. These
LDO outputs should not be shared with each other or
separate ICs that might have outputs of the same name,
because they have independent, internal control loops.
The Delta D12S1R8140D power block is chosen for its
high level of integration, power efficiency and direct
interface to the LTC7883 using 3.3V three-state control.
The use of a power block with the LTC7883 creates an
efficient solution in terms of power, parts count and total
solution volume. Placing the power stage directly beneath
the LTC7883 on the other side of the PCB allows direct
through-hole via connections to the power block for PWM
controls, as well as output voltage and current sense.
Table 8 shows the recommended channel mapping for
the most efficient interconnect in this case. CCM opera-
tion, fast boost refresh, low VOUT range and digital output
voltage servo are selected by programming MFR_PWM_
MODE_LTC3882-1 to 0xC0 on all channels.
Table 8. Suggested Power Block Channel Mapping
LTC7883 PWM
LTC7883 UNIT
PMBus PAGE
(CH)
PB PWM
A0
A
0
2
A1
1
1
B0
B
0
4
B1
1
3
The regulated output is established by programming the
VOUT_COMMAND stored in EEPROM for PWMA0 (the
master channel) to 1.5V. The other PWMs are designated
as slaves to PWMA0 by wiring their FB pins to VDD33 and
shorting their COMP control pins to COMPA0 as shown.
The frequency and phase are also set by EEPROM val-
ues. Both units are programmed to operate at 500kHz
(default FREQUENCY_SWITCH), with Unit A providing
the clock master (see Figure 3, SYNCB output disabled
by bit 4 of MFR_CONFIG_ALL_LTC3882-1 on Unit B).
MFR_PWM_CONFIG_LTC3882-1 is programmed to 0x14
on Unit A to put PWMA0 phase at 0° and PWMA1 phase
at 180°. This register is programmed to 0x16 on Unit B
to put PWMB0 phase at 90° and PWMB1 phase at 270°,
producing optimum 4-phase separation for minimum
input and output ripple.
With these configurations, the inductors on the
power block (160nH nominal) create an IOUT ripple of
16.4AP-P. Each channel supplies 40ADC to the output at
full load, resulting in a peak phase current of 48A. Setting
IOUT_FAULT_LIMIT to 50A per phase adequately protects
against the typical inductor saturation current of 55A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com