Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 18 Page - Analog Devices

Part # LT4293
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT4293 Datasheet HTML 14Page - Analog Devices LT4293 Datasheet HTML 15Page - Analog Devices LT4293 Datasheet HTML 16Page - Analog Devices LT4293 Datasheet HTML 17Page - Analog Devices LT4293 Datasheet HTML 18Page - Analog Devices LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
In LTC9101-1 2-pair mode, exactly one LTC9102/LTC9103
channel is associated with each port in a quad. As such it
is required that the LTC9102/LTC9103 power channel is
connected to either Alternative A or Alternative B of the
associated RJ45 connector. (See Figure 10)
In 2-pair mode the IEEE 802.3bt standard limits delivered
power to 25.5W and supports PD Classes 0 to 4.
In LTC9101-1 4-pair mode, two LTC9102/LTC9103 chan-
nels are associated with each port. As such it is required
that power channels are connected to Alternative A and
Alternative B, respectively (see Figure 11). In 4-pair mode
the host is responsible for deciding if both power channels
will be utilized to power a given PD. Thus 2-pair powering
in 4-pair mode can be used to power single-signature
Class 0 to 4 PDs. For higher power Class 5 to 8 PDs and
for all dual-signature PDs, both power channels must be
utilized, also referred to as 4-pair power (see Figure 12).
In 4-pair mode the IEEE 802.3bt standard supports delivered
power to 71.3W, supporting all existing single-signature PD
Classes 0 to 8 and dual-signature PD Classes 1 to 5.
Mixes of 2-pair and 4-pair quads are available using a con-
figuration package. See Stored Configurations for details.
backwards-compatibility with LTC4291 drivers, ultralow
100mΩ sense resistors, +80V/–20V tolerant port-facing
pins, and improvements to cable surge ride through.
Each LTC9102/LTC9103 power channel is implemented
with dedicated detection and classification hardware. This
allows all ports and channels to detect, classify and power
on simultaneously, drastically reducing power on latency
across a switch. Other less advanced PSEs are subject to
visible delays as PDs, e.g. LED lights, power on a port-
by-port basis.
VEE and port current measurements are performed simul-
taneously, enabling coherent and precise per-port power
monitoring.
2-PAIR VS 4-PAIR MODE
The LTC9101-1 includes up to 12 groups of four identical
ports. Each group of four ports is referred to as a quad. In
the LTC9101-1 architecture, each quad contains register
configuration and status for exactly four ports, regardless
of whether the ports are in 2-pair mode or 4-pair mode.
1000BASE-T
TX1
TX2
TX3
TX4
RJ45
RJ45
1
2
6
4
3
5
7
8
1
2
6
4
3
5
7
8
1000BASE-T
TX1
TX2
TX3
TX4
VEE
GATEn
AGND
LTC9101-1/
LTC9102/LTC9103
I2C
–55V
–55V
PD
9101123 F10
+
–
VOUT
DATA PAIRS
DATA PAIRS
Figure 10. 2-Pair, Alternative A (Endpoint), Power over Ethernet Single-Signature PD System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com