Electronic Components Datasheet Search
  English  ▼

X  

LT4293 Datasheet(PDF) 23 Page - Analog Devices

Part # LT4293
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4293 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT4293 Datasheet HTML 19Page - Analog Devices LT4293 Datasheet HTML 20Page - Analog Devices LT4293 Datasheet HTML 21Page - Analog Devices LT4293 Datasheet HTML 22Page - Analog Devices LT4293 Datasheet HTML 23Page - Analog Devices LT4293 Datasheet HTML 24Page - Analog Devices LT4293 Datasheet HTML 25Page - Analog Devices LT4293 Datasheet HTML 26Page - Analog Devices LT4293 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
23
Rev. 0
For more information www.analog.com
OPERATING MODES
The LTC9101-1/LTC9102/LTC9103 includes up to 48
independent ports, each of which can operate in one of
three modes: manual, semi-auto, or auto. A fourth mode,
shutdown, disables the port (see Table 5).
Table 5. Operating Modes
MODE
AUTO
PIN
OPMD
REGISTER
DETECT/
CLASS
POWER-UP
AUTOMATIC
THRESHOLD
ASSIGNMENT
Auto
1
11b
Enabled
at Reset Automatically
Yes
0
11b
Host
Enabled Automatically
Yes
Semi-Auto
0
10b
Host
Enabled
Upon
Request
No
Manual
0
01b
Once
Upon
Request
Upon
Request
No
Shutdown
0
00b
Disabled
Disabled
No
In manual mode, the port waits for instructions from the
host system before taking any action. It runs a single
detection, or detection and classification cycle when com-
manded to by the host, and reports the result in its Port
Status register. The host system can command the port
to apply or remove power at any time.
In semi-auto mode, the port repeatedly attempts to detect
and classify any PD attached to it. It reports the status of
these attempts back to the host, and waits for a command
from the host before applying power to the port. The host
must enable detection and classification.
Auto mode operates the same as semi-auto mode except
it will automatically apply power to the port if detection
and classification are successful. Auto mode will autono-
mously set the ICUT-2P, ILIM-2P, and PCUT-4P values based
on the Class result. This operational mode may be entered
by setting AUTO high at reset or by changing the OPMD
state to Auto (11b). See AUTO pin description and the
Auto Mode Maximum PSE Power section.
APPLICATIONS INFORMATION
In shutdown mode the port is disabled and will not detect
or power a PD.
Regardless of which mode it is in, the LTC9101-1/
LTC9102/LTC9103 will remove power automatically from
any port or channel, as appropriate, that generates a fault.
It will also automatically remove power from any port/
channel that generates a disconnect event if disconnect
detection is enabled. The host controller may also com-
mand the port to remove power at any time.
Reset and the AUTO Pin
The initial LTC9101-1/LTC9102/LTC9103 configuration
depends on the state of AUTO during reset. Reset occurs
at power-up, whenever RESET is pulled low, or when the
global Reset All bit is set. Changing the state of AUTO
after power-up will not change the port behavior of the
LTC9101-1/LTC9102/LTC9103 until a reset occurs.
With AUTO high, each port will detect and classify repeat-
edly until a PD is discovered, set ICUT-2P, ILIM-2P, and
PCUT-4P according to the PSE assigned Class, apply
power to valid PDs, and remove power when a PD is
disconnected.
Table 6 and Table 7 show the ICUT-2P, ILIM-2P, and PCUT-4P
values that will be automatically set in auto mode, based
on the PSE assigned Class.
Table 6. Typical Auto Mode Power On Thresholds,
Single-Signature PD**
PSE ASSIGNED
CLASS
PER-CHANNEL
PER-PORT
ICUT-2P
ILIM-2P
PCUT-4P
1
94mA
425mA
4.86W
2
150mA
425mA
7.56W
3
338mA
425mA
16.2W
4
638mA
850mA
32.4W
5
581mA
850mA
48.1W
6
731mA
850mA
64.3W
7
825mA
1063mA
80.5W
8
975mA
1167mA
96.1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com