Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 34 Page - Analog Devices

Part # LTM4646
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTM4646 Datasheet HTML 28Page - Analog Devices LTM4646 Datasheet HTML 29Page - Analog Devices LTM4646 Datasheet HTML 30Page - Analog Devices LTM4646 Datasheet HTML 31Page - Analog Devices LTM4646 Datasheet HTML 32Page - Analog Devices LTM4646 Datasheet HTML 33Page - Analog Devices LTM4646 Datasheet HTML 34Page - Analog Devices LTM4646 Datasheet HTML 35Page - Analog Devices LTM4646 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
LTM4671
34
Rev. B
For more information www.analog.com
PACKAGE DESCRIPTION
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
11
10
9
8
7
PACKAGE TOP VIEW
4
PIN “A1”
CORNER
Y
X
DETAIL A
PACKAGE BOTTOM VIEW
3
SEE NOTES
PIN 1
BGA Package
209-Lead (16mm
× 9.50mm × 4.72mm)
(Reference LTC DWG# 05-08-1561 Rev B)
BGA 209 0218 REV B
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
BALL DESIGNATION PER JEP95
4
3
DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
DETAIL A
Øb (209 PLACES)
DETAIL B
SUBSTRATE
A
A1
ccc Z
DETAIL B
PACKAGE SIDE VIEW
M
X Y
Z
ddd
M Z
eee
A2
D
E
e
e
b
F
G
SUGGESTED PCB LAYOUT
TOP VIEW
0.00
3.20
3.20
7.20
4.00
4.00
4.80
4.80
5.60
5.60
7.20
6.40
0.80
0.80
1.60
1.60
2.40
2.40
6.40
LTMXXXX
µModule
H2
H1
b
0.40 ±0.025 Ø 209x
7
SEE NOTES
SYMBOL
A
A1
A2
b
b1
D
E
e
F
G
H1
H2
aaa
bbb
ccc
ddd
eee
MIN
4.53
0.30
4.23
0.45
0.37
NOM
4.72
0.40
4.32
0.50
0.40
16.00
9.50
0.80
14.40
8.00
0.32
4.00
MAX
4.91
0.50
4.41
0.55
0.43
0.15
0.20
0.20
0.15
0.08
DIMENSIONS
TOTAL NUMBER OF BALLS: 209
NOTES
BALL HT
BALL DIMENSION
PAD DIMENSION
SUBSTRATE THK
MOLD CAP HT
MOLD
CAP
b1
5. PRIMARY DATUM -Z- IS SEATING PLANE
6
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY
!
aaa Z
2
×
aaa Z
2
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com