Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4646
Description  Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4646 Datasheet(HTML) 1 Page - Analog Devices

  LTM4646 Datasheet HTML 1Page - Analog Devices LTM4646 Datasheet HTML 2Page - Analog Devices LTM4646 Datasheet HTML 3Page - Analog Devices LTM4646 Datasheet HTML 4Page - Analog Devices LTM4646 Datasheet HTML 5Page - Analog Devices LTM4646 Datasheet HTML 6Page - Analog Devices LTM4646 Datasheet HTML 7Page - Analog Devices LTM4646 Datasheet HTML 8Page - Analog Devices LTM4646 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM4671
1
Rev. B
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad DC/DC µModule Regulator with
Configurable Dual 12A, Dual 5A Output Array
APPLICATIONS
n
Quad Output Step-Down µModule® Regulator with
Dual 12A and Dual 5A Output
n
Wide Input Voltage Range: 3.1V to 20V
n
Dual 12A DC Output from 0.6V to 3.3V
n
Dual 5A DC Output from 0.6V to 5.5V
n
Up to 7W Power Dissipation (TA = 60°C, 200LFM,
No Heat Sink)
n
±1.5% Total Output Voltage Regulation
n
Dual Differential Sensing Amplifier
n
Current Mode Control, Fast Transient Response
n
Parallelable for Higher Output Current
n
Selectable Burst Mode® Operation
n
Output Voltage Tracking
n
Internal Temperature Sensing Diode Output
n
External Frequency Synchronization
n
Overvoltage, Current and Temperature Protection
n
9.5mm × 16mm × 4.72mm BGA Package
n
Multirail Point-of-Load Regulation
n
FPGAs, DSPs and ASICs Applications
All registered trademarks and trademarks are the property of their respective owners.
4V to 20V Input, 12A, 12A, 5A, 5A DC/DC Step-Down µModule Regulator
12VIN Efficiency vs Load Current
The LTM®4671 is a quad DC/DC step-down µModule
(micromodule) regulator offering dual 12A and dual 5A
output. Included in the package are the switching control-
lers, power FETs, inductors and support components.
Operating over an input voltage range of 3.1V to 20V, the
LTM4671 supports an output voltage range of 0.6V to
3.3V for two 12A channels and 0.6V to 5.5V for two 5A
channels, each set by a single external resistor. Only bulk
input and output capacitors are needed.
Fault protection features include overvoltage, overcurrent
and overtemperature protection. The LTM4671 is offered
in 9.5mm × 16mm × 4.72mm BGA package.
Configurable Output Array*
12A
12A
5A
5A
24A
5A
5A
12A
12A
10A
24A
10A
* Note 4
COUT2
47µF
VOUT2
3.3V/5A
13.3k
COUT1
47µF
VOUT1
2.5V/5A
19.1k
COUT3
100µF ×4
VOUT3
1.0V/12A
90.9k
4671 TA01a
VIN
SVIN0
SVIN3
RUN0
RUN1
RUN2
RUN3
COMP0a
COMP0b
COMP1
COMP2
COMP3a
COMP3b
TRACK/SS0
TRACK/SS1
TRACK/SS2
TRACK/SS3
TMON
LTM4671
CIN
22µF
×2
GND
VOUT0
VOSNS0+
VOSNS0–
FB0
VOUT1
VOSNS1+
FB1
VOUT2
VOSNS2+
FB2
VOUT3
VOSNS3+
VOSNS3–
FB3
COUT0
100µF ×4
VOUT0
1.2V/12A
VIN
5V TO 20V
60.4k
0.1F
0.1F
0.1F
0.1F
LOAD CURRENT (A)
0
2
4
6
8
10
12
70
75
80
85
90
95
100
4671 TA01b
VOUT = 1.0
VOUT = 1.2
VOUT = 2.5
VOUT = 3.3
Document Feedback


Similar Part No. - LTM4646

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4646 LINER-LTM4646 Datasheet
533Kb / 34P
Dual 10A or Single 20A 關Module Regulator
logo
Analog Devices
LTM4646 AD-LTM4646 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4646 AD-LTM4646 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4646 AD-LTM4646 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
LTM4646 AD-LTM4646 Datasheet
1Mb / 38P
20VIN, 20A Step-Down DC-to-DC μModule Regulator
Rev. 0
More results

Similar Description - LTM4646

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
logo
Linear Dimensions Semic...
LTM4601HVIVPBF LINEAR_DIMENSIONS-LTM4601HVIVPBF Datasheet
520Kb / 30P
12A 28VIN DC/DC 關Module Regulator with PLL, Output Tracking and Margining
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Monolithic Power System...
MPM54504 MPS-MPM54504 Datasheet
1Mb / 20P
16V, Quad DC/DC Power Module with 5A Output Array
Rev. 1.0 3/19/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com