Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4650
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 38Page - Analog Devices LTM4650 Datasheet HTML 39Page - Analog Devices LTM4650 Datasheet HTML 40Page - Analog Devices LTM4650 Datasheet HTML 41Page - Analog Devices LTM4650 Datasheet HTML 42Page - Analog Devices LTM4650 Datasheet HTML 43Page - Analog Devices LTM4650 Datasheet HTML 44Page - Analog Devices LTM4650 Datasheet HTML 45Page - Analog Devices LTM4650 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
LTM4664A
42
Rev. 0
For more information www.analog.com
pin enabled will detect the presence of the external
clock and disable its output.
Multiple channels need to tie all the VOSNS+_Cn pins
together, and all the VOSNS–_Cn pins together, COMP_na
and COMP_nb pins together as well. Do not assert bit[4]
of MFR_CONFIG_ALL except in a PolyPhase application.
The user must share the SYNC, SHARE_CLK, FAULT_Cn,
and ALERT pins of these parts. Be sure to use pull-up
resistors on SYNC, FAULT_Cn, SHARE_CLK and ALERT.
EXTERNAL/INTERNAL TEMPERATURE SENSE
Temperature is measured using the internal diode-connected
PNP transistors on either of the TSNS_C0b or TSNS_C1b
pins corresponding to channel 0 or 1. TSNS_Cnb pins
should be connected to their respective TSNS_Cna pins,
and these returns are directly connected to the LTM4664A
PSM SGND_C0_C1 pin. Two different currents are applied to
the diode (nominally 2µA and 32µA) and the temperature is
calculated from a ΔVBE measurement made with the internal
16-bit monitor ADC (see Figure 2, Block Diagram).
The LTM4664A PSM channels will only implement ΔVBE
temperature sensing, therefore MFR_PWM_MODE bit[5]
is reserved.
RCONFIG (RESISTOR CONFIGURATION) PINS
There are six input pins utilizing 1% resistors for these pins
to select key operating parameters. The pins are ASEL,
FSWPH_CFG, VOUTC0_CFG, VOUTC1_CFG, VTRIMC0_
CFG, VTRIMC1_CFG. If pins are floated, the value stored in
the corresponding NVM command is used. If bit 6 of the
MFR_CONFIG_ALL configuration command is asserted in
NVM, the resistor input is ignored upon power-up except
for ASEL which is always respected. The resistor config-
uration pins are only measured during a power-up reset
or after a MFR_RESET or after a RESTORE_USER_ALL
command is executed.
The VOUTn_CFG pin settings are described in Table 1.
These pins set the LTM4664A VOUTC0 and VOUTC1 output
voltage coarse settings. If the pin is open, the VOUT_
COMMAND command is loaded from NVM to determine
the output voltage. The default setting is to have the
switcher off unless the voltage configuration pins are
installed. The VTRIMn_CFG pins in Table 2 are used to set
the output voltage fine adjustment setting. Both combine
to offer several distinct output voltages.
The following parameters are set as a percentage of the
output voltage if the RCONFIG pins are used to determine
the output voltage:
n
VOUT_OV_FAULT_LIMIT....................................+10%
n
VOUT_OV_WARN_LIMIT....................................+7.5%
n
VOUT_MAX.........................................................+7.5%
n
VOUT_MARGIN_HIGH........................................+5%
n
VOUT_MARGIN_LOW.........................................–5%
n
VOUT_UV_FAULT_LIMIT....................................–7%
The FSWPH_CFG pin settings are described in Table 3.
This pin selects the switching frequency and phase of each
channel. The phase relationships between the two channels
and SYNC pin are determined in Table 3. To synchronize
to an external clock, the part should be put into external
clock mode (SYNC output disabled but frequency set to the
nominal value). If no external clock is supplied, the part will
clock at the programmed frequency. If the application is
multiphase and the SYNC signal between chips is lost, the
parts will not operate at the designed phase even if they are
programmed and trimmed to the same frequency.
This may increase the ripple voltage on the output, pos-
sibly produce undesirable operation. If the external SYNC
signal is being generated internally and external SYNC is
not selected, bit 10 of MFR_PADS will be asserted. If no
frequency is selected and the external SYNC frequency
is not present, a PLL_FAULT will occur. If the user does
not wish to see the ALERT from a PLL_FAULT even if
there is not a valid synchronization signal at power-up,
the ALERT mask for PLL_FAULT must be written. See
the description on SMBALERT_MASK for more details.
If the SYNC pin is connected between multiple ICs only
one of the ICs should have the SYNC pin enabled using
the MFR_CONFIG_ALL[4] =1, and all other ICs should
be configured to have the SYNC pin disabled with MFR_
CONFIG_ALL[4] =0.
The ASEL pin settings are described in Table 4. ASEL
selects slave address for the LTM4664A PSM. For more
detail, refer to Table 5.
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com