Electronic Components Datasheet Search
  English  ▼

X  

LTM4650 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4650
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4650 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4650 Datasheet HTML 3Page - Analog Devices LTM4650 Datasheet HTML 4Page - Analog Devices LTM4650 Datasheet HTML 5Page - Analog Devices LTM4650 Datasheet HTML 6Page - Analog Devices LTM4650 Datasheet HTML 7Page - Analog Devices LTM4650 Datasheet HTML 8Page - Analog Devices LTM4650 Datasheet HTML 9Page - Analog Devices LTM4650 Datasheet HTML 10Page - Analog Devices LTM4650 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
LTM4664A
7
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the internal operating
junction temperature. TA = 25°C, VINS1 = 48V, and RUNn = 5V where n = stage # unless otherwise noted. See Figure 46 configuration
for setup. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVOUT/VOUT
Stage 2
Stage 2 Load Regulation Accuracy
VOUT2 = 12V, 0A to 6.3A Maximum = 75W
VINS2 = 24V, FREQS2 = 200kHz
CINB2 = 33µF (Bulk Input Capacitor)
CIN2 = 10µF 50V Ceramic,
CFLY2 = 22µF 25V X6, COUT2 = 22µF 25V
5
%
VOUT2 Output Load
VOUT1 Max Load Current
(Note 4)
VOUT2 = 12V, 0A to 6.3A Maximum = 75W
VINS2 = 24V, FREQS2 = 200kHz
CINB2 = 33µF (Bulk Input Capacitor)
CIN2 = 10µF 50V Ceramic,
CFLY2 = 22µF 25V X6, COUT2 = 22µF 25V
6.3
A
M5-M8 RDS-ON
Stage 2 MOSFET On Resistance
VGS = 5V (Note 16)
10
mΩ
VOUT1, (AC)
Output Ripple Voltage
VOUT1 = 24V, 0A to 3A VINS1 = 48V, FREQS1 = 100kHz
CINB1 = 33µF (Input Bulk Capacitor)
CIN1 = 2.2µF 100V Ceramic, CFLY1 = 10µF 50V X6
COUT1 = 10µF 50V
150
mVpk-pk
VOUT2, (AC)
Output Ripple Voltage
VOUT2 = 12V, 0A to 6A
VINS2 = 12V, FREQS2 = 200kHz
CINB2 = 33µF (Input Bulk Capacitor)
CIN2 = 10µF 50V Ceramic,
CFLY2 = 22µF 25V X6, COUT2 = 22µF 25V
50
mVpk-pk
tSTART Stage 1
Turn-on Time
From RUN 1
VOUT1 = 0V at Start Up to 24V, 0A, VINS1 = 48V,
FREQS1 = 100kHz
CINB1 = 33µF (Input Bulk Capacitor)
CIN1 = 2.2µF 100V Ceramic, CFLY1 = 10µF 50V X6
COUT1 = 10µF 50V, CTIMERS1 = 0.22µF
40
msec
tSTART Stage 2
Turn-on Time Stage 2
From RUN 2
VOUT2 = 0V at Start Up to 12V, 0A, VINS2 = 24V,
FREQS2 = 200kHz
CINB2 = 33µF (Input Bulk Capacitor)
CIN1 = 2.2µF 100V Ceramic, CFLY1 = 22µF, 25V X6
COUT2 = 22µF 25V, CTIMERS2 = 0.47µF
75
msec
HYS_PRGMn and FAULTSn
VFAULTSn
FAULT Voltage Low
IFAULT = 2mA
0.2
0.5
V
IFAULT_LEAKSn
FAULT Leakage Current
VFAULT = 5V
±1
µA
IHYS_PRGMSn
HYS_PRGM Setting Current
l
9
10
11
µA
VFAULTSn
VOUTSn Fault Trip Level
VINSn = 24V, VOUTn, HYS_PRGMSn = 0V,
VOUTSn Ramp Up
VOUTSn Ramp Down
l
l
12.2
11.6
12.3
11.7
12.45
11.8
V
V
VFAULTSn
VOUTSn Fault Trip Level
VINSn = 24V, VOUTn, HYS_PRGMSn = 5V,
VOUTSn Ramp Up
VOUTSn Ramp Down
l
l
12.7
11.1
12.8
11.2
12.9
11.4
V
V
VFAULTSn
VOUTSn Fault Trip Level
VINSn = 24V, VOUTn, HYS_PRGMSn = 2.4V,
VOUTSn Ramp Up
VOUTSn Ramp Down
l
l
14.15
9.5
14.3
9.65
14.45
9.8
V
V
UV COMPARATORn and PGOODn
VUVTHSSn
Undervoltage Threshold
UV Pin Voltage Rising
0.99
1.01
1.03
V
VHYS_PRGMSn
Undervoltage Hysteresis
120
mV
VPGOODSn
PGOOD Voltage Low
IPGOOD = 2mA
0.35
0.5
V
IPGOODSn_LEAK
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
TimerSn
TimerSn Current
ITIMERn
VTIMER < 0.5V or VTIMER > 1.2V
3.5
µA
0.5V < VTIMER < 1.2V
7
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com