Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4270
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 7Page - Analog Devices LTC4270 Datasheet HTML 8Page - Analog Devices LTC4270 Datasheet HTML 9Page - Analog Devices LTC4270 Datasheet HTML 10Page - Analog Devices LTC4270 Datasheet HTML 11Page - Analog Devices LTC4270 Datasheet HTML 12Page - Analog Devices LTC4270 Datasheet HTML 13Page - Analog Devices LTC4270 Datasheet HTML 14Page - Analog Devices LTC4270 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
11
Rev. 0
For more information www.analog.com
TEST TIMING DIAGRAMS
Figure 1. Detect, Class and Turn-On Timing, 4-Pair Port, Primary Alternative, Auto or Semi-Auto Mode
VOUTn
PD
CONNECTED
CLASSIFICATION
DETECTION
tDET
FORCED-CURRENT
FORCED-
VOLTAGE
CONNECTION
CHECK
VOC
INT
VEE
9101123 F01
tSTART
TURN ON
20.5V
VMARK
VCLASS
tCEV
tCEV
tLCE
tME1
tME1
tME2
tCLASS_RESET
0V
2.8V
15.5V
tPON
tLCE
tCEVON
TYPICAL PERFORMANCE CHARACTERISTICS (R
SENSE = 0.1Ω unless otherwise specified.)
EXT3 Pin Current vs Voltage
IDn Pin Current vs Voltage
LTC9101-1 VDD Supply Current vs
Voltage and Temperature
EXT3 – VEE (V)
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
9101123 G25
IDn – VEE (V)
0
1
2
3
4
5
–10
–8
–6
–4
–2
0
2
9101123 G26
85°C
25°C
–40°C
VDD (V)
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
20.0
22.5
25.0
27.5
30.0
32.5
35.0
37.5
40.0
9101123 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com