Electronic Components Datasheet Search
  English  ▼

X  

LTC4270 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC4270
Description  48-Port IEEE 802.3bt PoE PSE Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4270 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC4270 Datasheet HTML 20Page - Analog Devices LTC4270 Datasheet HTML 21Page - Analog Devices LTC4270 Datasheet HTML 22Page - Analog Devices LTC4270 Datasheet HTML 23Page - Analog Devices LTC4270 Datasheet HTML 24Page - Analog Devices LTC4270 Datasheet HTML 25Page - Analog Devices LTC4270 Datasheet HTML 26Page - Analog Devices LTC4270 Datasheet HTML 27Page - Analog Devices LTC4270 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
LTC9101-1/
LTC9102/LTC9103
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
for the connected device to be categorized as a single-
signature PD, a dual-signature PD, or an invalid result.
An invalid connection check result is reported when a
device is added or removed during connection check.
Connection check only affects operation in 4-pair mode.
In 4-pair mode a detection cycle always includes a con-
nection check unless the port is in AT mode. See Figure 1.
In 2-pair mode connection check is not enabled (intrinsi-
cally a 4-pair only operation) and all PDs are reported
as single-signature regardless of the PD’s actual
signature configuration.
DETECTION
Detection Overview
To avoid damaging network devices that were not designed
to tolerate DC voltage, a PSE must determine whether the
connected device is a valid PD before applying power.
The IEEE 802.3 specification requires that a valid PD has
a common-mode resistance of 25k ±5% at any channel
voltage below 10V. The PSE must accept resistances that
fall between 19k and 26.5k, and it must reject resistances
above 33k or below 15k (shaded regions in Figure 13).
The PSE may choose to accept or reject resistances in
the undefined areas between the must-accept and must-
reject ranges. In particular, the PSE must reject standard
computer Network Interface Cards (NICs), many of which
have 150Ω common-mode termination resistors that will
be damaged if power is applied to them (the black region
at the left of Figure 13).
Figure 13.
RESISTANCE
PD
PSE
0
10k
15k
429291 F13
19k
26.5k
26.25k
23.75k
150 (NIC)
20k
30k
33k
IEEE 802.3 Signature Resistance Ranges
Table 7. Typical Auto Mode Power On Thresholds,
Dual-Signature PD**
PSE ASSIGNED
CLASS
PER-CHANNEL
ICUT-2P
ILIM-2P
PCUT-2P*
1
94mA
425mA
4.86W
2
150mA
425mA
7.56W
3
338mA
425mA
16.2W
4
638mA
850mA
32.4W
5
975mA
1167mA
48.1W
*A per-port PCUT-4P threshold holds the sum of PCUT-2P for each
powered channel.
**RSENSE = 0.1Ω.
CONNECTION CHECK
Connection Check Overview
IEEE 802.3bt introduces a new detection subroutine known
as connection check. A connection check is required to
determine whether the attached PD is a single-signature
PD, a dual-signature PD or an invalid result.
In 802.3at, only one PD configuration was described;
this is known as a single-signature PD and is shown in
Figure 11. A single-signature PD presents the same 25k
detection resistor to both the pairsets in parallel.
New in 802.3bt is the dual-signature PD as shown
in Figure  12. A dual-signature PD presents two fully
independent 25k detection signature resistors, one to
each pairset.
The PD configuration (single or dual) determines how
the PD is managed during subsequent detection, classi-
fication and power on procedures. Throughout this data
sheet attention will be called to the different treatment of
single-signature and dual-signature PDs.
Connection check is performed with two current measure-
ments, at the same forced voltage, on the first channel.
The second channel is tested for aggressor behavior by
introducing a forced current on the second channel during
the second measurement. Comparison of the two result-
ing current measurements on the first channel allows



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com