Electronic Components Datasheet Search
  English  ▼

X  

2201801 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201801
Description  Housing cover - ME-IO 18,8 C 3U S1 7035
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201801 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201801 Datasheet HTML 1Page - PHOENIX CONTACT 2201801 Datasheet HTML 2Page - PHOENIX CONTACT 2201801 Datasheet HTML 3Page - PHOENIX CONTACT 2201801 Datasheet HTML 4Page - PHOENIX CONTACT 2201801 Datasheet HTML 5Page - PHOENIX CONTACT 2201801 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2201801
09/12/2020   Page 1 / 6
Housing cover - ME-IO 18,8 C 3U S1 7035 - 2201801
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
DIN rail housing, 3U, Housing cover, width: 18.9 mm, height: 32.8 mm, depth: 26 mm, color: light gray (7035)
Your advantages
 Plastic in accordance with UL94 V0: for more rigorous flammability requirements
 Cover for fully closed device fronts
 Can be machined for application-specific connection technology
Key Commercial Data
Packing unit
10 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356911627
Technical data
Item properties
Brief article description
Housing cover
Type
ME-IO 18,8 C 3U S1 7035
Order No.
2201801
Housing type
DIN rail housing
Housing series
ME-IO
Type
3U
Max. IP code to attain
IP20
Mounting type
Snap in
Dimensions
Width [ w ]
18.9 mm
Height [ h ]
32.8 mm
Depth [ d ]
26 mm


Similar Part No. - 2201801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201801 PHOENIX-2201801 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results

Similar Description - 2201801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2202581 PHOENIX-2202581 Datasheet
55Kb / 2P
Housing cover - ME-IO 18,8 C 2U MC18 7035
2201800 PHOENIX-2201800 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 3U 7035
09/12/2020
2201803 PHOENIX-2201803 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 5U 7035
09/12/2020
2201805 PHOENIX-2201805 Datasheet
86Kb / 5P
Housing cover - ME-IO 18,8 C 7U 7035
09/12/2020
2201802 PHOENIX-2201802 Datasheet
139Kb / 5P
Housing cover - ME-IO 18,8 C 4U 7035
11/25/2021
2202626 PHOENIX-2202626 Datasheet
109Kb / 4P
Housing cover - ME-IO 18,8 LC 10U 7035
11/25/2021
1103440 PHOENIX-1103440 Datasheet
2Mb / 75P
Mounting base housing - ME-IO 18,8 EB 10U TBUS7035
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com