Electronic Components Datasheet Search
  English  ▼

X  

2201801 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201801
Description  Housing cover - ME-IO 18,8 C 3U S1 7035
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201801 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201801 Datasheet HTML 1Page - PHOENIX CONTACT 2201801 Datasheet HTML 2Page - PHOENIX CONTACT 2201801 Datasheet HTML 3Page - PHOENIX CONTACT 2201801 Datasheet HTML 4Page - PHOENIX CONTACT 2201801 Datasheet HTML 5Page - PHOENIX CONTACT 2201801 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2201801
09/12/2020   Page 2 / 6
Housing cover - ME-IO 18,8 C 3U S1 7035 - 2201801
Technical data
Material data
Housing material
Polyamide
Color (RAL)
light gray (7035)
Flammability rating according to UL 94
V0
Ambient conditions
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Relative humidity (storage/transport)
80 %
PCB data
Mounting position
Vertical (horizontal DIN rail)
Packaging information
Type of packaging
packed in cardboard
Pieces per package
10
Denomination packing units
Pcs.
Outer packaging type
Carton
Standards and regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com