Electronic Components Datasheet Search
  English  ▼

X  

EM65101AT Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM65101AT
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AT Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM65101AT Datasheet HTML 17Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 18Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 19Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 20Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 21Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 22Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 23Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 24Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 15
(This specification is subject to change without further notice)
SPOL = “0”
SPOL = “1”
RS
Display RAM/Register
RS
Display RAM/Register
0
Display RAM Data
0
Control Register Data
1
Control Register Data
1
Display RAM Data
After completing the 9-bit data transfer, or when making no access, be sure to set the
serial clock input (SCL) to “L.” Care should be taken during PCB layout to avoid
external noise from contaminating the SDA and SCL signals. To prevent any transfer
error due to external noise, release chip select (CSB = “H”) after every complete 9-bit
data transfer.
SDA
SCL
1
2
3
456
7
8
D7
D6
D5
D4
D3
D2
D1
D0
RS
CSB
9
Figure 7-3 3-Wire Serial Interface
7.2 Writing Data to Display RAM and Control Register
The procedure to write data to the display RAM and Control Register is similar except
for the RS selection to select the accessed object.
RS = “L”: Display RAM data
RS = “H”: Control register data
In the case of the 80-family MPU, data is written at the rising edge of WRB. In the case
of the 68-family MPU, data is written at the falling edge of signal E.
7.2.1 Writing Data Operation
Data0
Data1
Data2
Data3
Data4
WRB
RS
Write to control register
Write to display RAM
D7~D0
Data5
Figure 7-4 Writing Data Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com