Electronic Components Datasheet Search
  English  ▼

X  

EM65101AT Datasheet(PDF) 71 Page - ELAN Microelectronics Corp

Part # EM65101AT
Description  128COM/160SEG 16 Gray Scale Level LCD Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65101AT Datasheet(HTML) 71 Page - ELAN Microelectronics Corp

Back Button EM65101AT Datasheet HTML 67Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 68Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 69Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 70Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 71Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 72Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 73Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 74Page - ELAN Microelectronics Corp EM65101AT Datasheet HTML 75Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 83 page
background image
EM65101
128COM/160SEG 16 Gray Scale Level LCD Driver
Product Specification (V0.4) 08.15.2005
• 65
(This specification is subject to change without further notice)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin
Used
VOUT1
Six times boosting
RL = 500KΩ (VOUT-VSS)
6*VEE *0.95 6*VEE *0.98 6*VEE *0.99
V
*9
VOUT2
Five times boosting
RL = 500KΩ (VOUT-VSS) 5*VEE *0.95 5*VEE *0.98 5*VEE *0.99
V
*10
VOUT3
Four times boosting
RL = 500KΩ (VOUT-VSS) 4*VEE *0.95 4*VEE *0.98 4*VEE *0.99
V
*11
VOUT4
Three times boosting
RL = 500KΩ (VOUT-VSS) 3*VEE *0.95 3*VEE *0.98 3*VEE *0.99
V
*12
Booster output
voltage on VOUT
pin
VOUT5
Two times boosting
RL = 500KΩ(VOUT-VSS)
2*VEE *0.95 2*VEE *0.98 2*VEE *0.99
V
*13
IDD1
VDD = 3V, 6 times booster
All ON pattern
270
µA
*14
Current
consumption
IDD2
VDD = 3V, 6 times booster
Checker pattern
380
µA
*15
VBA output voltage
VBA
VDD =2.4V~3.3V
1.5
2.0
V
*16
VREF output
voltage
VREF
VDD = 2.4 ~ 3.3V
1.5
V
*17
V0 output voltage
V0
VDD = 2.4 ~ 3.3V
0.99*V0
V0
1.01*V0
V
-
*1 D0-D7, CSB, RS, M86, RDB, WRB, CK, CKS, P/S, RESB, TEST pins
*2 D0~D7 pins
*3 CLK pins
*4 CSB, RS, M86, RDB, WRB, CK, CKS, P/S, RESB, TEST pins
*5 Applied when D0~D7 are in high impedance state
*6 SEG0~SEGA159, COM0~COM127 pins Resistance when applied 0.5V between each output pin and each power
supply (V0, V1, V2, V3, V4) and when applied 1/12 bias
*7 VDD pin, VDD pin current without loading when the internal oscillating clock stops and CSB=VDD
*8 Oscillating frequency when the built-in oscillating circuit (16 gray scale level display mode) is used
*9 VOUT pin. When the built-in oscillating circuit, the built-in power supply, and the voltage (boosted 6 times) are
used, this pin is applied. When VEE = 2.4 ~ 3.3V, the electronic control is set to code (“1 1 1 1 1 1 1”).
Measuring conditions: bias=1/4~1/13, 1/128 duty, without loading. RL=500 KΩ (between VOUT and VSS),
C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1,” BF=”11”
*10 VOUT pin. When the built-in oscillating circuit, the built-in power supply, and the voltage (boosted 5 times) are
used, this pin is applied. When VEE = 2.4 ~ 3.3V, the electronic control is set to code (“1 1 1 1 1 1 1”).
Measuring conditions: bias=1/4~1/13, 1/128 duty, without loading. RL=500 KΩ (between VOUT and VSS),
C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1,” BF=”11”
*11 VOUT pin. When the built-in oscillating circuit, the built-in power supply, and the voltage (boosted 4 times) are
used, this pin is applied. When VEE = 2.4 ~ 3.3V, the electronic control is set to code (“1 1 1 1 1 1 1”).
Measuring conditions: bias=1/4~1/13, 1/128 duty, without loading. RL=500 KΩ (between VOUT and VSS),
C1=C2=1.0µF, C3=0.1µF, DCON=AMPON=”1,” BF=”11”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com