Electronic Components Datasheet Search
  English  ▼

X  

VP2106 Datasheet(PDF) 4 Page - Microchip Technology

Part # VP2106
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VP2106 Datasheet(HTML) 4 Page - Microchip Technology

  VP2106 Datasheet HTML 1Page - Microchip Technology VP2106 Datasheet HTML 2Page - Microchip Technology VP2106 Datasheet HTML 3Page - Microchip Technology VP2106 Datasheet HTML 4Page - Microchip Technology VP2106 Datasheet HTML 5Page - Microchip Technology VP2106 Datasheet HTML 6Page - Microchip Technology VP2106 Datasheet HTML 7Page - Microchip Technology VP2106 Datasheet HTML 8Page - Microchip Technology VP2106 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VP2106
DS20006007A-page 4
2021 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Output Characteristics.
FIGURE 2-2:
Transconductance vs. Drain
Current.
FIGURE 2-3:
Maximum Rated Safe
Operating Area.
FIGURE 2-4:
Saturation Characteristics.
FIGURE 2-5:
Power Dissipation vs.
Ambient Temperature.
FIGURE 2-6:
Thermal Response
Characteristics.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g. outside specified power supply range) and therefore outside the warranted range.
-2.0
-1.6
-1.2
-0.8
-0.4
0
0
-10
-20
-30
-40
-50
-7V
-6V
-5V
-4V
-8V
-9V
V
DS (volts)
V
GS = -10V
250
200
150
100
50
0
0
-0.2
-0.4
-0.6
-0.8
-10
I
D (amperes)
V
DS = 25V
T
A = -55
OC
25OC
125OC
-0.1
-1.0
-10
-100
-1.0
-0.1
-0.01
-0.001
V
DS (volts)
TO-92 (DC)
TO-92 (pulsed)
T
A = 25
OC
0
25
50
75
100
125
150
1.0
0.5
0
TO-92
T
A (
OC)
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
-2.0
-4.0
-6.0
-8.0
-10
-7V
-6V
-5V
-4V
-3V
-9V
V
DS (volts)
-8V
V
GS = -10V
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
TO-92
P
D = 1.0W
T
A = 25
OC
t
P (seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com