Electronic Components Datasheet Search
  English  ▼

X  

EM78458 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78458
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78458 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 15
(This specification is subject to change without further notice)
4.2.8 IOCD0 (Pull-high Control Register)
7
6
5
4
3
2
1
0
/PH7
/PH6
/PH5
-
/PH3
/PH2
/PH1
/PH0
Bit 0 (/PH0)
Control bit is used to enable the pull-high of the P60 pin.
0: Enable internal pull-high;
1: Disable internal pull-high.
Bit 1 (/PH1)
Control bit is used to enable the pull-high of the P61 pin.
Bit 2 (/PH2)
Control bit is used to enable the pull-high of the P62 pin.
Bit 3 (/PH3)
Control bit is used to enable the pull-high of the P63 pin.
Bit 4
Not used.
Bit 5 (/PH5)
Control bit is used to enable the pull-high of the P53 pin.
Bit 6 (/PH6)
Control bit is used to enable the pull-high of the P55 pin.
Bit 7 (/PH7)
Control bit is used to enable the pull-high of the P56 pin.
IOCD0 register is both readable and writable.
4.2.9 IOCE0 (WDT Control Register)
7
6
5
4
3
2
1
0
WDTE
EIS
-
-
-
-
-
-
Bit 7 (WDTE)
Control bit is used to enable Watchdog Timer.
0: Disable WDT;
1: Enable WDT.
WDTE is both readable and writable
Bit 6 (EIS)
Control bit is used to define the function of the P50 (/INT) pin.
0: P50, input pin only;
1: /INT, external interrupt pin. In this case, the I/O control bit of P50 (bit 0
of IOC50) must be set to "1".
When EIS is "0", the path of /INT is masked. When EIS is "1", the status
of /INT pin can also be read by way of reading Port 5 (R5). Refer to Fig.
7.
EIS is both readable and writable.
Bits 0~5
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com