Electronic Components Datasheet Search
  English  ▼

X  

EM78458 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp

Part # EM78458
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp

Back Button EM78458 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78458 Datasheet HTML 17Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 7
(This specification is subject to change without further notice)
4.1.4 R3 (Status Register)
7
6
5
4
3
2
1
0
CMPOUT
PS1
PS0
T
P
Z
DC
C
Bit 7 (CMPOUT)
the result of the comparator output.
Bit 6 (PS1) ~ 5 (PS0)
Page select bits. PS0~PS1 are used to select a program
memory page. When executing a "JMP", "CALL", or other instructions
which cause the program counter to be changed (e.g. MOV R2, A),
PS0~PS1 are loaded into the 11th and 12th bits of the program counter
where it selects one of the available program memory pages. Note that
RET (RETL, RETI) instruction does not change the PS0~PS1 bits. That is,
the return will always be to the page from the place where the subroutine
was called, regardless of the current setting of PS0~PS1 bits.
PS1
PS0
Program memory page [Address]
0
0
Page 0 [000-3FF]
0
1
Page 1 [400-7FF]
1
0
Page 2 [800-BFF]
1
1
Page 3 [C00-FFF]
Bit 4 (T)
Time-out bit. Set to 1 by the "SLEP" and "WDTC" commands, or
duringPower on and reset to 0 by WDT time-out.
Bit 3 (P)
Power-down bit. Set to 1 during power-on or by a "WDTC" command and
reset to 0 by a "SLEP" command.
Bit 2 (Z)
Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero.
Bit 1 (DC)
Auxiliary carry flag
Bit 0 (C)
Carry flag
4.1.5 R4 (RAM Select Register)
Bits 0~5
are used to select registers (address: 00~3F) in the indirect address mode.
Bit 6
is used to select bank 0 or bank 1.
Bit 7
is a general-purpose read/write bit.
See the configuration of the data memory in Fig. 4.
4.1.6 R5 ~ R6(Port 5 ~ Port 6)
R5 and R6 are I/O registers.
4.1.7 R7 ~ R8
All of these are 8-bit general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com