Electronic Components Datasheet Search
  English  ▼

X  

EM78458AP Datasheet(PDF) 34 Page - ELAN Microelectronics Corp

Part # EM78458AP
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458AP Datasheet(HTML) 34 Page - ELAN Microelectronics Corp

Back Button EM78458AP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 33Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 34Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 35Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 36Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 37Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 38Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
28
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
selected by the analog input multiplexer via the ADCON register Bits ADIS0, ADIS1,
and ADIS2.
0
1
2
3
4
5
6
7
OP2
GCON
54
3
2
10
ADDATA
OP1
DATA BUS
ADC4
ADC3
ADC2
ADC1
ADC5
ADC6
ADC7
ADC8
Vref
Power-Down
Fsco
Internal
RC
4-1
MUX
2
3
4
3
4
ADC
( successive approximation )
3
0
1
0
1
2
AD-CMPCON
RF
AD-CMPCON
ADCON
ADCON
+
+
-
-
Start to Convert
Fig. 12 The Functional Block Diagram of Analog-to-Digital Conversion
4.7.1 ADC Control Register (ADCON/R9, AD-CMP-CON/IOCA0,
GCON/IOC90)
4.7.1.1 ADCON/R9
The ADCON register controls the operation of the A/D conversion and decides which
pin should be currently active.
BIT
7
6
5
4
3
2
1
0
SYMBOL
-
-
IOCS
ADRUN
ADPD
ADIS2
ADIS1
ADIS0
*Init_Value
0
0
0
0
0
0
0
0
*Init_Value: Initial value at power on reset
ADRUN (bit 4):
ADC starts to RUN.
1 = an A/D conversion is started. This bit can be set by software.
0 = reset on completion of the conversion. This bit can not be reset in
software.
ADPD (bit 3):
ADC Power-down Mode.
1 = ADC is operating;
0 = switch off the resistor reference to save power even when the CPU
is operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com