Electronic Components Datasheet Search
  English  ▼

X  

EM78458AP Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78458AP
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458AP Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78458AP Datasheet HTML 5Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 6Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 7Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 8Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 9Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 10Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 11Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 12Page - ELAN Microelectronics Corp EM78458AP Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 3
(This specification is subject to change without further notice)
3
PIN ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VSS
P60/ADC1
P61/ADC2
P62/ADC3
P63/ADC4
P64/ADC5
P65/ADC6
P66/ADC7
P56/CIN+
P57/CO
VDD
OSCI
OSCO
P53/VREF
P52/PW M 2
P51/PW M 1
P50/INT
P67/ADC8
P54/TCC
P55/CIN-
P60/ADC1
P61/ADC2
P62/ADC3
P63/ADC4
P64/ADC5
P65/ADC6
P66/ADC7
P56/CIN+
P57/CO
VSS
ENTCC
VSS
OSCI
OSCO
P53/VREF
P52/PW M 2
P51/PW M 1
P50/INT
P67/ADC8
P54/TCC
P55/CIN-
VDD
RESET
VDD
Fig. 1 Pin Assignment
3.1
EM78458 Pin Description
Symbol
Pin No.
Type
Function
VDD
16
-
Power supply.
OSCI
18
I
* XTAL type: Crystal input terminal or external clock input pin.
* RC type: RC oscillator input pin.
OSCO
17
O
*XTAL type: Output terminal for crystal oscillator or external clock input
pin.
*RC type: Clock output with a period of one instruction cycle time, the
prescaler is determined by the CONT register.
* External clock signal input.
P50
12
I
* General-purpose Input only.
* Default value while power-on reset.
P51 ~ P57
13~15
19, 20,
1, 2
I/O
* General-purpose I/O pin.
* Default value while power-on reset.
P60 ~ P67
3, 4,
6~11
I/O
* General-purpose I/O pin.
* Default value while power-on reset.
INT
12
I
* External interrupt pin triggered by falling edge.
ADC1~ADC8
3, 4,
6 ~ 11
I
* Analog to Digital Converter.
* Defined by AD-CMPCON (IOCA0)<2:4>.
PWM1, PWM2
13, 14
O
* Pulse width modulation outputs.
* Defined by PWMCON (IOC51)<6, 7>
VREF
15
I
* External reference voltage for ADC
* Defined by AD-CMPCON (IOCA0)<7>.
CIN-, CIN+, CO
20, 1,2
I
O
* “-“ -> the input pin of Vin- of the comparator.
* “+”-> the input pin of Vin+ of the comparator.
* Pin CO is the output of the comparator.
* Defined by AD-CMPCON (IOCA0) <5, 6>
TCC
19
I
* Real time clock/counter with Schmitt trigger input pin; it must be tied to
VDD or VSS if it is not in use.
VSS
5
-
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com