Electronic Components Datasheet Search
  English  ▼

X  

EM78458AM Datasheet(PDF) 52 Page - ELAN Microelectronics Corp

Part # EM78458AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458AM Datasheet(HTML) 52 Page - ELAN Microelectronics Corp

Back Button EM78458AM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 53Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 55Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 56Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
46
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
OSCI
Vcc
Rext
Cext
EM 78458
EM 78459
Fig. 22 Circuit for External RC Oscillator Mode
Table 13 RC Oscillator Frequencies
Cext
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
3.3k
3.57 MHz
2.94 MHz
5.1k
2.63MHz
1.92 MHz
10k
1.30 MHz
1.22 MHz
20 pF
100k
150 KHz
153 KHz
3.3k
1.43 MHz
1.35 MHz
5.1k
980 KHz
877 KHz
10k
520 KHz
465 KHz
100 pF
100k
57 KHz
54 KHz
3.3k
510 KHz
470 KHz
5.1k
340 KHz
320 KHz
10k
175 KHz
170 KHz
300 pF
100k
19 KHz
19 KHz
NOTE
1. Measured on DIP packages.
2. Design reference only
4.12.4
RC Oscillator Mode with Internal Capacitor
If both precision and cost are taken into consideration, EM78P257A/B also offers a
special oscillation mode. It is equipped with an internal capacitor and an external
resistor (connected to Vcc). The internal capacitor functions as temperature
compensator. In order to obtain more accurate frequency, a precise resistor is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com