Electronic Components Datasheet Search
  English  ▼

X  

EM78458AM Datasheet(PDF) 53 Page - ELAN Microelectronics Corp

Part # EM78458AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78458AM Datasheet(HTML) 53 Page - ELAN Microelectronics Corp

Back Button EM78458AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 53Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 55Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 56Page - ELAN Microelectronics Corp EM78458AM Datasheet HTML 57Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 47
(This specification is subject to change without further notice)
OSCI
EM78458
Vcc
Rext
EM78459
Fig. 23 Circuit for Internal C Oscillator Mode
Table 14 R Oscillator Frequencies
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
51k
2.22 MHz
2.17 MHz
100k
1.15 MHz
1.14 MHz
300k
375 KHz
370 KHz
NOTE
1. Measured on DIP packages.
2. Design reference only
4.13 Power-on Considerations
Any microcontroller is not warranted to start proper operation before the power supply
stabilizes in steady state.
EM78458/459 POR voltage range is 1.2V~1.8V. Under customer application, when
power is OFF, Vdd must drop to below 1.2V and remains OFF for 10us before power
can be switched ON again. This way, the EM78458/459 will reset and work normally.
The extra external reset circuit will work well if Vdd can rise at very fast speed (50 ms or
less). However, under most cases where critical applications are involved, extra
devices are required to assist in solving the power-up problems.
4.13.1
External Power on Reset Circuit
The circuit shown in Fig IV.13.1-1 implements an external RC to produce a reset pulse.
The pulse width (time constant) should be kept long enough to allow Vdd to reach
minimum operation voltage. This circuit is used when the power supply has a slow rise
time. Because the current leakage from the /RESET pin is about
±5µA, it is
recommended that R should not be great than 40 K. In this way, the voltage at Pin
/RESET is held below 0.2V. The diode (D) acts as a short circuit at power-down. The
capacitor, C, is discharged rapidly and fully. Rin, the current-limited resistor, prevents
high current discharge or ESD (electrostatic discharge) from flowing into Pin /RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com