Electronic Components Datasheet Search
  English  ▼

X  

EM78468Q Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78468Q
Description  8-BIT Microcontroller
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78468Q Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78468Q Datasheet HTML 35Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 36Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 37Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 38Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 39Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 40Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 41Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 42Page - ELAN Microelectronics Corp EM78468Q Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
EM78468
8-BIT Microcontroller
Product Specification (V1.1) 04.11.2005
• 35
(This specification is subject to change without further notice)
The controller can be awakened from sleep mode and idle mode. The wake-up signals
are listed as follows:
Wakeup signal
Sleep mode
Idle mode
Green mode Normal mode
TCC time out
IOCF0 bit0=1
X
*1
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
INT0 pin
IOCF0 bit1=1
Wake-up
+ interrupt
+ next instruction
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
INT1 pin
IOCF0 bit2=1
Wake-up
+ interrupt
+ next instruction
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
Counter 1
IOCF0 bit3=1
X
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
Counter 2
IOCF0 bit4=1
X
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
High-pulse timer
IOCF0 bit5=1
X
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
Low-pulse timer
IOCF0 bit6=1
X
Wake-up
+ interrupt
+ next instruction
Interrupt
Interrupt
Port6, Port 8
(input status change
wake-up)
Bit 7 of IOCF0 = “0”
Wake-up
+ next instruction
Wake-up
+ next instruction
X
X
Port6, Port 8
(input status change
wake-up)
Bit 7 of IOCF0 = “1”
Wake-up
+ interrupt
+ next instruction
Wake-up
+ interrupt
+ next instruction
X
X
WDT time out
X
RESET
RESET
RESET
Note 1: Only external TCC pin can Wake-up from idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com