Electronic Components Datasheet Search
  English  ▼

X  

LTC4040 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC4040
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4040 Datasheet(HTML) 4 Page - Analog Devices

  LTC4040 Datasheet HTML 1Page - Analog Devices LTC4040 Datasheet HTML 2Page - Analog Devices LTC4040 Datasheet HTML 3Page - Analog Devices LTC4040 Datasheet HTML 4Page - Analog Devices LTC4040 Datasheet HTML 5Page - Analog Devices LTC4040 Datasheet HTML 6Page - Analog Devices LTC4040 Datasheet HTML 7Page - Analog Devices LTC4040 Datasheet HTML 8Page - Analog Devices LTC4040 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC4041
4
Rev A
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Backup Boost Switching Regulator
VBSTFB
BSTFB Pin Servo Voltage
l
0.78
0.8
0.82
V
IBSTFB
BSTFB Pin Input Leakage Current
VBSTFB = 0.9V
–20
20
nA
VSYS-BACKUP Programmed Boost Output Voltage Range
2.7
5
V
fOSC(BST)
Step-Up Converter Switching Frequency
1.0
1.125
1.25
MHz
ILIM(BST)
NMOS Switch Current Limit
5.5
6.5
7.5
A
RP(BST)
High Side Switch On-Resistance
75
mΩ
RN(BST)
Low Side Switch On-Resistance
70
mΩ
VSYS Overvoltage Shutdown Threshold
VSYS Rising
5.3
5.5
5.7
V
Hysteresis
100
mV
Boost Undervoltage Lockout
Max(VSYS, VSCAP) Falling
2.5
V
Hysteresis
150
mV
DMAX
Maximum Boost Duty Cycle
88
%
NMOS Switch Leakage Current
BSTEN = 1, CHGEN = 1
0
1
µA
PMOS Switch Leakage Current
BSTEN = 1, CHGEN = 1
0
1
µA
tMIN-BACKUP Minimum Backup Time
CCPF = 1nF
2.2
ms
SYSGD Comparator
RSTFB Threshold
VRSTFB Falling
l
0.72
0.74
0.76
V
Hysteresis
20
mV
IRSTFB
RSTFB Pin Input Leakage Current
VRSTFB = 0.9V
–50
0
50
nA
SYSGD Delay
VRSTFB Rising & Falling
100
µs
Power-Fail Comparator
PFI Input Threshold
VPFI Falling
l
1.17
1.16
1.19
1.19
1.21
1.22
V
V
Hysteresis
40
mV
PFI Pin Leakage Current
VPFI = 1.3V
–100
0
100
nA
PFI Delay to PFO
VPFI Falling
0.5
µs
PFO Pin Leakage Current
VPFO = 5V
0
1
µA
PFO Pin Output Low Voltage
IPFO = 5mA
65
200
mV
Logic Input (BSTEN, CHGEN, CAPSEL, CAPFLT)
VIL
Logic Low Input Voltage
l
0.4
V
VIH
Logic High Input Voltage
l
1.2
V
IIL
Logic Low Input Leakage Current
BSTEN, CHGEN
0
1
µA
IIH
Logic High Input Leakage Current
BSTEN, CHGEN
0
1
µA
CAPSEL Pin Leakage Current
CAPSEL = 1
10
µA
The l denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3) VIN = VSYS = 5V, VSCAP = 2.5V, RPROG = 2k, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com