Electronic Components Datasheet Search
  English  ▼

X  

LTC4040 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC4040
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4040 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC4040 Datasheet HTML 16Page - Analog Devices LTC4040 Datasheet HTML 17Page - Analog Devices LTC4040 Datasheet HTML 18Page - Analog Devices LTC4040 Datasheet HTML 19Page - Analog Devices LTC4040 Datasheet HTML 20Page - Analog Devices LTC4040 Datasheet HTML 21Page - Analog Devices LTC4040 Datasheet HTML 22Page - Analog Devices LTC4040 Datasheet HTML 23Page - Analog Devices LTC4040 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC4041
20
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
2.5A and the system load is also very high, e.g., 2.5A.
Under this scenario, as soon as the LTC4041 initiates
backup mode, the inductor current has to reverse from
2.5A (from SW to SCAP) to as high as the boost current
limit of approximately 6.5A (from SCAP to SW). That is a
9A current change in the inductor with a slope of VSCAP/L.
At a low supercapacitor voltage of 3.2V, this would take
almost 3μs even with a 1μH inductor. During this transi-
tion, CSYS, the capacitor on the VSYS pin, has to deliver
the shortfall until the inductor current catches up with
the system load demand, and the capacitor will deplete
according to the following equation:
CSYS = ILOAD •
Δt
ΔV
The size of the capacitor should be big enough to hold
the system voltage, VSYS, up above the SYSGD threshold
during this transition. For a system load ILOAD = 2.5A and
transition time Δt = 3μs, if the maximum droop ΔV allowed
in the system output is 100mV, the required capacitance
at the VSYS pin should be at least 75μF. The other consid-
eration for choosing the VSYS capacitor size is the maxi-
mum acceptable output voltage ripple during steady-state
backup boost operation. For a given duty cycle D and
load ILOAD, the output ripple VRIP of a boost converter is
calculated using the following equation:
VRIP =
ILOAD
CSYS
• D •
1
fOSC
If the maximum allowable ripple is 20mV under 2.5A
steady-state load while boosting from 3.2V to 5V
(D = 36%), the required capacitance at VSYS is calculated to
be at least 40μF using the above equation. Refer to Table 3
for recommended ceramic capacitor manufacturers.
Table 3. Recommended Ceramic Capacitor Manufacturers
AVX
www.avx.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay Siliconix
www.vishay.com
TDK
www.tdk.com
Choosing a Supercapacitor
The backup energy requirement is the main consider-
ation when selecting a supercapacitor. The capacitance
per cell and the number of cells (maximum of two) needed
depends on the system load (ISYS), system voltage (VSYS),
backup boost efficiency (η), supercapacitor charge volt-
age (VCHG) and the duration of the backup (tBACKUP). The
following equation can be used to estimate the amount
of capacitance required for a given backup application:
CSCAP =
VSYS •ISYS • tBACKUP
η • (VCHG)
2
Another factor to be considered is the current rating of
the supercapacitor. With the LTC4041, the supercapacitor
could be charged with a current as high as 2.5A. During a
backup event, the supercapacitor could be discharged at a
current level as high as 7.5A. It is also important to select
a supercapacitor with low ESR to minimize power losses
in the supercapacitor during charging or backup. Other
factors to be considered are the lifetime of the superca-
pacitor at the charge voltage, and the capacitance degra-
dation over time.
The internal balancer of the LTC4041 is designed to bal-
ance supercapacitors with capacitances greater than
100mF per cell. For lower capacitances, the balancer
servo loop could be unstable.
A list of supercapacitor suppliers is provided in Table 4.
Table 4. Supercapacitor Suppliers
AVX
www.avx.com
Bussman
www.cooperbussman.com
CAP-XX
www.cap-xx.com
Illinois Capacitor
www.illcap.com
Maxwell
www.maxwell.com
Murata
www.murata.com
NESS CAP
www.nesscap.com
Tecate Group
www.tecategroup.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com