Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 4 Page - Analog Devices

Part # LT8610AC
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 4 Page - Analog Devices

  LT8610AC Datasheet HTML 1Page - Analog Devices LT8610AC Datasheet HTML 2Page - Analog Devices LT8610AC Datasheet HTML 3Page - Analog Devices LT8610AC Datasheet HTML 4Page - Analog Devices LT8610AC Datasheet HTML 5Page - Analog Devices LT8610AC Datasheet HTML 6Page - Analog Devices LT8610AC Datasheet HTML 7Page - Analog Devices LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT8607/LT8607B
4
Rev. D
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Absolute Maximum Ratings are those values beyond
which the life of a device may be impaired.
Note 2: The LT8607E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT8607I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT8607H is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Pin Input Current
LT8607/LT8607B
VFB = 1.0V
l
±20
nA
Output Pin Input Current
LT8607-5
VOUT = 6.0V
l
900
nA
Minimum On-Time
ILOAD = 500mA, SYNC = 0V or LT8607 DFN
ILOAD = 500mA, SYNC = 1.9V or LT8607B DFN
l
l
35
35
65
60
ns
ns
Minimum Off Time
ILOAD = 300mA
l
93
130
ns
Oscillator Frequency
MSOP Package
RT = 221k, ILOAD = 350mA
RT = 60.4k, ILOAD = 350mA
RT = 18.2k, ILOAD = 350mA
l
l
l
155
640
1.90
200
700
2.00
245
760
2.10
kHz
kHz
MHz
DFN Package
RT = 221k, ILOAD = 350mA
RT = 60.4k, ILOAD = 350mA
RT = 18.2k, ILOAD = 350mA
l
l
l
140
610
1.85
200
700
2.00
260
790
2.15
kHz
kHz
MHz
Top Power NMOS On-Resistance
ILOAD = 500mA
375
mΩ
Top Power NMOS Current Limit
MSOP Package
l
1.2
1.6
2.0
A
DFN Package
l
1.2
1.7
2.2
A
Bottom Power NMOS On-Resistance
240
mΩ
SW Leakage Current
VIN = 36V
5
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.99
1.05
1.11
V
EN/UV Pin Hysteresis
50
mV
EN/UV Pin Current
VEN/UV = 2V
±20
nA
PG Upper Threshold Offset from VFB
VFB Rising
l
5.0
8.5
13.0
%
PG Lower Threshold Offset from VFB
VFB Falling
l
5.0
8.5
13.0
%
PG Hysteresis
0.5
%
PG Leakage
VPG = 42V
±200
nA
PG Pull-Down Resistance
VPG = 0.1V
550
1200
Ω
Sync Low Input Voltage
MSOP Only
l
0.4
0.9
V
Sync High Input Voltage
INTVCC = 3.5V, MSOP Only
l
2.7
3.2
V
TR/SS Source Current
MSOP Only
l
1
2
3
µA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V, MSOP Only
300
900
Ω
Spread Spectrum Modulation Frequency
VSYNC = 3.3V, MSOP Only
0.5
3
6
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com