Electronic Components Datasheet Search
  English  ▼

X  

LT8610AC Datasheet(PDF) 12 Page - Analog Devices

Part # LT8610AC
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AC Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8610AC Datasheet HTML 8Page - Analog Devices LT8610AC Datasheet HTML 9Page - Analog Devices LT8610AC Datasheet HTML 10Page - Analog Devices LT8610AC Datasheet HTML 11Page - Analog Devices LT8610AC Datasheet HTML 12Page - Analog Devices LT8610AC Datasheet HTML 13Page - Analog Devices LT8610AC Datasheet HTML 14Page - Analog Devices LT8610AC Datasheet HTML 15Page - Analog Devices LT8610AC Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT8607/LT8607B
12
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8607 enters
into low ripple Burst Mode operation, which keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and mini-
mizing output voltage ripple. In Burst Mode operation the
LT8607 delivers single small pulses of current to the out-
put capacitor followed by sleep periods where the output
power is supplied by the output capacitor. While in sleep
mode the LT8607 consumes 1.7µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage
of time the LT8607 is in sleep mode increases, result-
ing in much higher light load efficiency than for typical
converters. By maximizing the time between pulses, the
converter quiescent current approaches 3.0µA for a typi-
cal application when there is no output load. Therefore,
to optimize the quiescent current performance at light
loads, the current in the feedback resistor divider must
be minimized as it appears to the output as load current.
While in Burst Mode operation the current limit of the
top switch is approximately 250mA resulting in output
voltage ripple shown in Figure 3. Increasing the output
capacitance will decrease the output ripple proportionally.
As load ramps upward from zero the switching frequency
will increase but only up to the switching frequency
programmed by the resistor at the RT pin as shown in
Table 1. The output load at which the LT8607 reaches the
programmed frequency varies based on input voltage,
output voltage, and inductor choice.
For some applications it is desirable for the LT8607 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First is the clock stays
awake at all times and all switching cycles are aligned to
the clock. In this mode much of the internal circuitry is
awake at all times, increasing quiescent current to several
hundred µA. Second is that full switching frequency is
reached at lower output load than in Burst Mode opera-
tion as shown in Figure 2. To enable pulse-skipping mode
the SYNC pin is floated. To achieve spread spectrum
modulation with pulse-skipping mode, the SYNC pin is
tied high. While a clock is applied to the SYNC pin the
LT8607 will also operate in pulse-skipping mode. The
Figure 1. Burst Frequency vs Output Current
RT = 18.2kΩ
VIN = 12V
L = 2.2µH
VOUT = 3.3V
INPUT VOLTAGE (V)
0
5
10 15 20 25 30 35 40 45
0
25
50
75
100
125
150
8607 F02
2µs/DIV
VOUT
20mV/DIV
ILOAD
200mA/DIV
VSW
10V/DIV
8607 F03
LT8607 DFN is programmed for Burst Mode operation
and cannot enter pulse-skipping mode. The LT8607B DFN
is programmed for pulse-skipping mode and cannot enter
Burst Mode operation.
OUTPUT CURRENT (mA)
0
25
50
75
100
125
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
8607 F01
VIN = 12V
L = 2.2µH
VOUT = 3.3V
SYNC = 0V OR LT8607 DFN
Figure 2. Minimum Load to Full Frequency
(SYNC Float to 1.9V) (MSOP or LT8607B DFN)
Figure 3. Burst Mode Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com