Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8614
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8614 Datasheet HTML 2Page - Analog Devices LT8614 Datasheet HTML 3Page - Analog Devices LT8614 Datasheet HTML 4Page - Analog Devices LT8614 Datasheet HTML 5Page - Analog Devices LT8614 Datasheet HTML 6Page - Analog Devices LT8614 Datasheet HTML 7Page - Analog Devices LT8614 Datasheet HTML 8Page - Analog Devices LT8614 Datasheet HTML 9Page - Analog Devices LT8614 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8607/LT8607B
6
Rev. D
For more information www.analog.com
DUTY CYCLE (%)
0
20
40
60
80
100
1.20
1.30
1.40
1.50
1.60
1.70
8607 G12
SWITCH CURRENT (mA)
0
125
250
375
500
625
750
0
50
100
150
200
250
300
8607 G15
TOP SW
BOT SW
DUTY CYCLE = 0
TEMPERATURE (°C)
–50
–10
30
70
110
150
1.50
1.55
1.60
1.65
1.70
8607 G13
IOUT = 750mA
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
32
33
34
35
36
37
38
8607 G16
SWITCH CURRENT = 750mA
TOP SW
BOT SW
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
50
100
150
200
250
300
350
400
450
8607 G14
IOUT = 350mA
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
80
85
90
95
100
105
110
8607 G17
TYPICAL PERFORMANCE CHARACTERISTICS
Top MOSFET Current Limit
vs Duty Cycle
Top MOSFET Current Limit
vs Temperature
Switch Drop vs Temperature
Switch Drop vs Switch Current
Minimum On-Time
vs Temperature
Minimum Off-Time
vs Temperature
Dropout Voltage vs Output Current
L: XFL4020-472ME
OUTPUT CURRENT (A)
0
125
250
375
500
625
750
0
50
100
150
200
250
300
350
8607 G18
TA = 25°C, unless otherwise noted.
No-Load Supply Current
(5V Output Switching)
No Load Supply Current vs
Temperature (Not Switching)
TEMPERATURE (°C)
–50
–10
30
70
110
150
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
8607 G11
SYNC = 0V OR LT8607 DFN
SYNC = 0V
INPUT VOLTAGE (V)
2
10
18
26
34
42
1.70
1.80
1.90
2.00
2.10
2.20
(5V Output Switching)
8607 G10
LT8607-5
L = 4.7µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com