Electronic Components Datasheet Search
  English  ▼

X  

LT8614 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8614
Description  42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8614 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8614 Datasheet HTML 16Page - Analog Devices LT8614 Datasheet HTML 17Page - Analog Devices LT8614 Datasheet HTML 18Page - Analog Devices LT8614 Datasheet HTML 19Page - Analog Devices LT8614 Datasheet HTML 20Page - Analog Devices LT8614 Datasheet HTML 21Page - Analog Devices LT8614 Datasheet HTML 22Page - Analog Devices LT8614 Datasheet HTML 23Page - Analog Devices LT8614 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LT8607/LT8607B
23
Rev. D
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
06/17
Added DFN package option.
Clarified electrical parameters for DFN package option.
Clarified graphs for MSOP package option.
Clarified Pins Functions for DFN package option.
Clarified Operation to include DFN option.
Clarified Applications last paragraph and Figure 2 to include DFN option.
Clarified Applications section to include DFN operation.
Added DFN Package Description.
1, 2
2, 3
6
8
9
10
14, 15
20
B
11/17
Added H-grade option
Clarified Oscillator Frequency RT conditions
Clarified efficiency graph
Clarified Block Diagram
Added Figure 5
Clarified Typical Applications for MSOP package option
2, 3
3
4
9
16
18, 22
C
11/18
Added B version
Added table to clarify versions
Modified text in Description to add DFN functionality
Added B version to Order Information
Clarified Minimum On-Time Conditions
Clarified efficiency graphs
Clarified Burst Frequency vs Output Current graph
Clarified Minimum Load to Full Frequency and Frequency Foldback graphs
Clarified Pin Functions on SYNC and TR/SS
Clarified Operation third paragraph
Clarified last paragraph to include DFN B version and Figures 1, 3
Clarified Applications to include DFN B version
Clarified PCB Layout
All
1
1
2
3
4
5
6
8
9
10
15
16
D
01/21
Added AEC-Q100 Qualified for Automotive Applications
Added Fixed 5V Output
Replaced table
Added new Pin Configuration
Fixed ordering information for DC package
Added #W Materials
Updated EC Table
Added VOUT Voltage and Load Supply graphs
Added VOUT comment for LT8607-5
Added FB comment for LT8607/LT8607B only
Added TR/SS
Updated Block diagram
Updated Operations
Updated Applications information
Output Voltage Tracking and Soft-Start (MSOP Only)
Added 5V, 2MHz Step-Down Typical Application
1
1
1
2
2
3
3-4
5-6
9
9
9
10
11
13
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com