Electronic Components Datasheet Search
  English  ▼

X  

AMC1350 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1350
Description  AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1350 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC1350 Datasheet HTML 20Page - Texas Instruments AMC1350 Datasheet HTML 21Page - Texas Instruments AMC1350 Datasheet HTML 22Page - Texas Instruments AMC1350 Datasheet HTML 23Page - Texas Instruments AMC1350 Datasheet HTML 24Page - Texas Instruments AMC1350 Datasheet HTML 25Page - Texas Instruments AMC1350 Datasheet HTML 26Page - Texas Instruments AMC1350 Datasheet HTML 27Page - Texas Instruments AMC1350 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
8.2.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
120-VRMS LINE VOLTAGE
230-VRMS LINE VOLTAGE
System input voltage
120 V ±10%, 60 Hz
230 V ±10%, 50 Hz
High-side supply voltage
3.3 V or 5 V
3.3 V or 5 V
Low-side supply voltage
3.3 V or 5 V
3.3 V or 5 V
Maximum resistor operating voltage
75 V
75 V
Voltage drop across the sense resistor (RSNS) for a linear response
±5 V (maximum)
±5 V (maximum)
Current through the resistive divider, ICROSS
100 μA
100 μA
8.2.2 Detailed Design Procedure
This discussion covers the 230-VRMS example. The procedure for calculating the resistive divider for the 120-
VRMS use case is identical.
The 100-μA, cross-current requirement at peak input voltage (360 V) determines that the total impedance of
the resistive divider is 3.6 MΩ. The impedance of the resistive divider is dominated by the top resistors (shown
exemplary as R1 and R2 in Figure 8-1) and the voltage drop across RSNS can be neglected for a short time.
The maximum allowed voltage drop per unit resistor is specified as 75 V; therefore, the total minimum number of
unit resistors in the top portion of the resistive divider is 360 V / 75 V = 5. The calculated unit value is 3.6 MΩ / 5
= 720 kΩ and the next closest value from the E96 series is 715 kΩ.
The effective sense resistor value RSNSEFF is the parallel combination of the external resistor RSNS and the
input impedance of the AMC1350, RIN. RSNSEFF is sized such that the voltage drop across the impedance at
maximum input voltage (360 V) equals the linear full-scale input voltage (VFSR) of the AMC1350 (that is, +5 V).
RSNSEFF is calculated as RSNSEFF = VFSR / (VPeak – VFSR) × RTOP where RTOP is the total value of the top
resistor string (5 × 715 kΩ = 3575 kΩ). The resulting value for RSNSEFF is 9.96 kΩ. In a final step, RSNS is
calculated as RSNS = RIN × RSNSEFF / (RIN – RSNSEFF). With RIN = 1.25 MΩ (typical), RSNS equals 52.47 kΩ
and the next closest value from the E96 series is 52.3 kΩ.
Table 8-2 summarizes the design of the resistive divider.
Table 8-2. Resistor Value Examples
PARAMETER
120-VRMS LINE VOLTAGE
230-VRMS LINE VOLTAGE
Peak voltage
190 V
360 V
Unit resistor value, RTOP
634 kΩ
715 kΩ
Number of unit resistors in RTOP
3
5
Sense resistor value, RSNS
53.6 kΩ
52.3 kΩ
Total resistance value (RTOP + RSNS)
1953.4 kΩ
3625.2 kΩ
Resulting current through resistive divider, ICROSS
97.3 μA
99.3 μA
Resulting full-scale voltage drop across sense resistor RSNS
4.993 V
4.982 V
Peak power dissipated in RTOP unit resistor
6 mW
7.1 mW
Total peak power dissipated in resistive divider
18.5 mW
35.7 mW
AMC1350
SBASAA6A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC1350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com