Electronic Components Datasheet Search
  English  ▼

X  

AMC1350 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1350
Description  AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1350 Datasheet(HTML) 3 Page - Texas Instruments

  AMC1350 Datasheet HTML 1Page - Texas Instruments AMC1350 Datasheet HTML 2Page - Texas Instruments AMC1350 Datasheet HTML 3Page - Texas Instruments AMC1350 Datasheet HTML 4Page - Texas Instruments AMC1350 Datasheet HTML 5Page - Texas Instruments AMC1350 Datasheet HTML 6Page - Texas Instruments AMC1350 Datasheet HTML 7Page - Texas Instruments AMC1350 Datasheet HTML 8Page - Texas Instruments AMC1350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
5 Pin Configuration and Functions
VDD1
INP
INN
GND1
VDD2
OUTP
GND2
OUTN
1
2
3
4
8
7
6
5
Not to scale
Figure 5-1. DWV Package, 8-Pin SOIC, Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD1
High-side power
High-side power supply(1)
2
INP
Analog input
Noninverting analog input. Either INP or INN must have a DC current path to GND1
to define the common-mode input voltage.(2)
3
INN
Analog input
Inverting analog input. Either INP or INN must have a DC current path to GND1 to
define the common-mode input voltage.(2)
4
GND1
High-side ground
High-side analog ground
5
GND2
Low-side ground
Low-side analog ground
6
OUTN
Analog output
Inverting analog output
7
OUTP
Analog output
Noninverting analog output
8
VDD2
Low-side power
Low-side power supply(1)
(1)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
(2)
See the Layout section for details.
www.ti.com
AMC1350
SBASAA6A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC1350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com