Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6721
Description  ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6721 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 50Page - Texas Instruments ISO6721 Datasheet HTML 51Page - Texas Instruments ISO6721 Datasheet HTML 52Page - Texas Instruments ISO6721 Datasheet HTML 53Page - Texas Instruments ISO6721 Datasheet HTML 54Page - Texas Instruments ISO6721 Datasheet HTML 55Page - Texas Instruments ISO6721 Datasheet HTML 56Page - Texas Instruments ISO6721 Datasheet HTML 57Page - Texas Instruments ISO6721 Datasheet HTML 58Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
11.5 0.25
2.8 MAX
TYP
0.33
0.13
0 -8
6X 1.27
8X 0.51
0.31
2X
3.81
0.46
0.36
1.0
0.5
0.25
GAGE PLANE
A
NOTE 3
5.95
5.75
B
NOTE 4
7.6
7.4
(2.286)
(2)
4218796/A 09/2013
SOIC - 2.8 mm max height
DWV0008A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
1
8
0.25
C A
B
5
4
AREA
PIN 1 ID
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com