Electronic Components Datasheet Search
  English  ▼

X  

ISO6721 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO6721
Description  ISO672x-Q1 General Purpose Reinforced and Basic Dual-Channel Automotive Digital Isolators with Robust EMC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO6721 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO6721 Datasheet HTML 6Page - Texas Instruments ISO6721 Datasheet HTML 7Page - Texas Instruments ISO6721 Datasheet HTML 8Page - Texas Instruments ISO6721 Datasheet HTML 9Page - Texas Instruments ISO6721 Datasheet HTML 10Page - Texas Instruments ISO6721 Datasheet HTML 11Page - Texas Instruments ISO6721 Datasheet HTML 12Page - Texas Instruments ISO6721 Datasheet HTML 13Page - Texas Instruments ISO6721 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
7.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
VDE V 0884-11:2017- 01
Certified according to IEC
62368-1, IEC 61010-1 and
IEC 60601-1
Certified according to
UL 1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Certified according to
EN 61010-1:2010/A1:2019
and EN 62368-1:2014
Maximum transient
isolation voltage, 4242
VPK;
Maximum repetitive peak
isolation voltage, 637 VPK;
Maximum surge isolation
voltage, 5000 VPK
400 VRMS basic insulation
per CSA 62368-1:19 and
IEC 62368-1:2018; 300
VRMS basic insulation
per CSA 61010-1-12+A1
and IEC 61010-1 3rd
Ed (pollution degree 2,
material group III)
1 MOPP (Means of
Patient Protection) per
CSA 60601-1:14 and IEC
60601-1 Ed. 3.1, 250
VRMS (D-8) max working
voltage
Single protection,
3000 VRMS
Basic insulation, Altitude ≤
5000 m, Tropical Climate,
250 VRMS maximum
working voltage
3000 VRMS (D-8) Basic
insulation per EN
61010-1:2010/A1:2019 up
to working voltage of 300
VRMS (D-8)
3000 VRMS (D-8) basic
insulation per EN
62368-1:2014 up to
working voltage of 400
VRMS (D-8)
Certificate number:
40047657
(ISO6721RB pending)
Master contract number:
220991
(ISO6721RB pending)
File number: E181974
(ISO6721RB pending)
CQC21001305151
(ISO6721RB pending)
Client ID number: 77311
(ISO6721RB pending)
7.8 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 PACKAGE - ISO672xB
IS
Safety input, output, or supply current (1)
RθJA =104.6°C/W, VI = 5.5 V, TJ = 150°C,
TA = 25°C
See Figure 7-1
217.2
mA
RθJA = 104.6°C/W, VI = 3.6 V, TJ = 150°C,
TA = 25°C
See Figure 7-1
332
mA
RθJA = 104.6°C/W, VI = 2.75 V, TJ =
150°C, TA = 25°C
See Figure 7-1
434.5
mA
RθJA = 104.6°C/W, VI = 1.89 V, TJ =
150°C, TA = 25°C
See Figure 7-1
628.9
mA
PS
Safety input, output, or total power (1)
RθJA = 104.6°C/W, TJ = 150°C, TA = 25°C
See Figure 7-2
1195
mW
TS
Maximum safety temperature (1)
150
°C
ISO6720-Q1, ISO6721-Q1, ISO6721R-Q1
SLLSFF5F – JANUARY 2020 – REVISED NOVEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO6720-Q1 ISO6721-Q1 ISO6721R-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com