Electronic Components Datasheet Search
  English  ▼

X  

2002-2972 Datasheet(PDF) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-2972
Description  Double-deck disconnect terminal block; with pivoting knife disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2002-2972 Datasheet(HTML) 1 Page - WAGO Kontakttechnik GmbH & Co. KG

  2002-2972 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data sheet | Item number: 2002-2972
Double-deck disconnect terminal block; with pivoting knife disconnect; same
profile as double-deck, double-disconnect terminal block; N/L; for DIN-rail 35
x 15 and 35 x 7.5; 2.5 mm²; Push-in CAGE CLAMP®; 2,50 mm²; gray
www.wago.com/2002-2972
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
1 19
Color:
Data
Electrical data
Ratings per IEC/EN
Ratings per
IEC/EN 60947-7-1
Nominal voltage (III/3)
400 V
 
Rated surge voltage (III/3)
6 kV
 


Similar Part No. - 2002-2972

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-2971 WAGO-2002-2971 Datasheet
717Kb / 20P
Double-deck disconnect terminal block
24.11.2021
More results

Similar Description - 2002-2972

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2002-2678 WAGO-2002-2678 Datasheet
881Kb / 17P
Double-deck disconnect terminal block; with pivoting knife disconnect
24.11.2021
2002-2671 WAGO-2002-2671 Datasheet
1Mb / 19P
Double-deck disconnect terminal block; with pivoting knife disconnect
24.11.2021
2002-2672 WAGO-2002-2672 Datasheet
1Mb / 18P
Double-deck disconnect terminal block; with pivoting knife disconnect
24.11.2021
2002-2951 WAGO-2002-2951 Datasheet
679Kb / 19P
Double-deck, double-disconnect terminal block
23.11.2021
2002-2952 WAGO-2002-2952 Datasheet
680Kb / 19P
Double-deck, double-disconnect terminal block
24.11.2021
2002-2954 WAGO-2002-2954 Datasheet
711Kb / 19P
Double-deck, double-disconnect terminal block
24.11.2021
2002-2971 WAGO-2002-2971 Datasheet
717Kb / 20P
Double-deck disconnect terminal block
24.11.2021
2006-1671 WAGO-2006-1671 Datasheet
888Kb / 15P
2-conductor disconnect terminal block; with pivoting knife disconnect
24.11.2021
2006-1674 WAGO-2006-1674 Datasheet
881Kb / 16P
2-conductor disconnect terminal block; with pivoting knife disconnect
24.11.2021
2006-8671 WAGO-2006-8671 Datasheet
666Kb / 14P
2-conductor disconnect/test terminal block; with pivoting knife disconnect
24.11.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com