Electronic Components Datasheet Search
  English  ▼

X  

2002-2972 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2002-2972
Description  Double-deck disconnect terminal block; with pivoting knife disconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2002-2972 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2002-2972 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2002-2972 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data sheet | Item number: 2002-2972
www.wago.com/2002-2972
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
2 19
Rated surge voltage (III/3)
6 kV
 
Rated current
16 A
 
Legend (ratings)
(III / 3) ≙ Overvoltage category III / Pollution degree 3
Ratings per UL
Approvals per
UL 1059
Rated voltage UL (Use Group B)
300 V
 
Rated current UL (Use Group B)
15 A
 
Rated voltage UL (Use Group C)
300 V
 
Rated current UL (Use Group C)
15 A
 
Ratings per CSA
Approvals per
C22.2 No 158
Rated voltage CSA (Use Group B)
300 V
 
Rated current CSA (Use Group B)
15 A
 
Rated voltage CSA (Use Group C)
150 V
 
Rated current CSA (Use Group C)
15 A
 
Rated voltage CSA (Use Group D)
300 V
 
Rated current CSA (Use Group D)
15 A
 
Ex information
Ratings per
ATEX: KIWA 17 ATEX 0030 U / IECEx: KIWA 17.0014U (Ex ec IIC Gc)
Rated voltage EN (Ex e II)
440 V
 
Rated current (Ex e II)
14 A
 
Connection data
Total number of connection points
4
Total number of potentials
4
Number of levels
2
Number of jumper slots
2
Connection 1
Connection technology
Push-in CAGE CLAMP
®
Actuation type
Push-in
Operating tool
Connectable conductor materials
Copper
Nominal cross-section
2.5 mm²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com