Electronic Components Datasheet Search
  English  ▼

X  

OPA863 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA863
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA863 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA863 Datasheet HTML 5Page - Texas Instruments OPA863 Datasheet HTML 6Page - Texas Instruments OPA863 Datasheet HTML 7Page - Texas Instruments OPA863 Datasheet HTML 8Page - Texas Instruments OPA863 Datasheet HTML 9Page - Texas Instruments OPA863 Datasheet HTML 10Page - Texas Instruments OPA863 Datasheet HTML 11Page - Texas Instruments OPA863 Datasheet HTML 12Page - Texas Instruments OPA863 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
7.7 Electrical Characteristics: 10 V
at VS+ = 5 V, VS– = –5 V, G = 1 V/V, RF = 0 Ω for G = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ
referenced to mid-supply, input and output common-mode is at mid-supply, and TA ≈ 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VOUT = 20 mVPP, G = 1, < 1 dB peaking
110
MHz
GBWP
Gain-bandwidth product
50
MHz
LSBW
Large-signal bandwidth
VOUT = 2 VPP
17
MHz
Bandwidth for 0.1-dB flatness
VOUT = 20 mVPP
15
MHz
SR
Slew rate
VOUT = 2–V step, G = –1
105
V/µs
Rise, fall time
VOUT = 200–mV step
9
ns
Settling time to 0.1%
VOUT = 2–V step
57
ns
Settling time to 0.01%
70
Overshoot/undershoot
VOUT = 2–V step
1
%
Overdrive recovery time
G = –1, 0.5 V overdrive beyond supplies
70
ns
G = 1, 0.5 V overdrive beyond supplies
100
HD2
Second-order harmonic distortion
f = 20 kHz, VOUT = 2 VPP
–129
dBc
HD3
Third-order harmonic distortion
–138
HD2
Second-order harmonic distortion
f = 100 kHz, VOUT = 2 VPP
–107
dBc
HD3
Third-order harmonic distortion
–125
eN
Input voltage noise
Flatband, 1/f corner at 25 Hz
5.9
nV/√Hz
iN
Input current noise
Flatband, 1/f corner at 2 kHz
0.4
pA/√Hz
Closed-loop output impedance
f = 1 MHz
0.2
Ω
Channel-to-channel crosstalk
f = 1 MHz, VOUT = 2 VPP
–124
dBc
DC PERFORMANCE
AOL
Open-loop voltage gain
VOUT = ±2.5 V
110
128
dB
VOS
Input-referred offset voltage
–1.3
±0.4
1.3
mV
Input offset voltage drift
TA = –40°C to +125°C, DGK package
–3.5
±1
3.5
µV/°C
TA = 0°C to +85°C, DBV package
–4.4
±1
4.4
TA = –40°C to +125°C, DBV package
–4.9
±1
4.9
Input bias current
TA ≈ 25°C
0.3
0.73
µA
TA = –40°C to +85°C
1.2
TA = –40°C to +125°C
1.6
Input bias current drift
TA = –40°C to +125°C
±3
7.6
nA/°C
Input offset current
-30
±10
30
nA
INPUT
Input common-mode voltage range
VS––0.2
VS++0.2
V
CMRR
Common-mode rejection ratio
VCM=VS– – 0.2 V to VS+ – 1.6 V
100
120
dB
Input impedance common-mode
650 || 0.8
MΩ || pF
Input impedance differential mode
200 || 0.5
kΩ || pF
OUTPUT
VOL
Output voltage, low
TA ≈ 25°C
VS–+0.14 VS–+0.2
V
TA = –40°C to +125°C
VS–+0.15 VS–+0.22
VOH
Output voltage, high
TA ≈ 25°C
VS+–0.2 VS+–0.14
V
TA = –40°C to +125°C
VS+–0.2 VS+–0.15
Linear output drive (sourcing/sinking)
VOUT = ±2.5 V, ΔVIO < 1 mV(2)
25
30
mA
Short-circuit current
45
mA
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982E – JUNE 2020 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com